Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 120Page - STMicroelectronics ST25R3916 Datasheet HTML 121Page - STMicroelectronics ST25R3916 Datasheet HTML 122Page - STMicroelectronics ST25R3916 Datasheet HTML 123Page - STMicroelectronics ST25R3916 Datasheet HTML 124Page - STMicroelectronics ST25R3916 Datasheet HTML 125Page - STMicroelectronics ST25R3916 Datasheet HTML 126Page - STMicroelectronics ST25R3916 Datasheet HTML 127Page - STMicroelectronics ST25R3916 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 157 page
background image
Application information
ST25R3916/7
124/157
DS12484 Rev 4
4.5.60
Capacitive sensor control register
Register space: A
Address: 2Fh
Type: RW
4.5.61
Capacitive sensor display register
Register space: A
Address: 30h
Type: R
Table 96. Capacitive sensor control register
Bit
Name
Default
Function
Comments
7
cs_mcal4
0
1.6 pF
Manual capacitive sensor calibration value
(binary weighted).
Sets cs_mcal<4:0> to 0 to enable automatic
calibration mode.
6
cs_mcal3
0
0.8 pF
5
cs_mcal2
0
0.4 pF
4
cs_mcal1
0
0.2 pF
3
cs_mcal0
0
0.1 pF
2
cs_g2
0
000: 2.8 V / pF
001: 6.5 V / pF
010: 1.1 V / pF
100: 0.5 V / pF
110: 0.35 V / pF
Others: Not used
Capacitor sensor gain.
1
cs_g1
0
0
cs_g0
0
Table 97. Capacitive sensor display register
Bit
Name
Default
Function
Comments
7
cs_cal4
-
1.6 pF
Capacitive sensor calibration value (binary
weighted).
6
cs_cal3
-
0.8 pF
5
cs_cal2
-
0.4 pF
4
cs_cal1
-
0.2 pF
3
cs_cal0
-
0.1 pF
2
cs_cal_end
-
1: Calibration ended
-
1
cs_cal_err
-
1: Calibration error
-
0RFU
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com