Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3916 Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 122Page - STMicroelectronics ST25R3916 Datasheet HTML 123Page - STMicroelectronics ST25R3916 Datasheet HTML 124Page - STMicroelectronics ST25R3916 Datasheet HTML 125Page - STMicroelectronics ST25R3916 Datasheet HTML 126Page - STMicroelectronics ST25R3916 Datasheet HTML 127Page - STMicroelectronics ST25R3916 Datasheet HTML 128Page - STMicroelectronics ST25R3916 Datasheet HTML 129Page - STMicroelectronics ST25R3916 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 157 page
background image
Application information
ST25R3916/7
126/157
DS12484 Rev 4
4.5.63
Overshoot protection configuration register 1
Register space: B
Address: 30h
Type: RW
4.5.64
Overshoot protection configuration register 2
Register space: B
Address: 31h
Type: RW
Table 99. Overshoot protection configuration register 1
Bit
Name
Default
Function
Comments
7
ov_tx_mode1
0
00: Drive with VDD_DR
01: Drive with VDD_AM
10: Driver stop (at GND / VDD_DR)
11: RFU
Selects RF drive level to apply when
ov_patternX is set to 1.
6
ov_tx_mode0
0
5
ov_pattern13
0
-
-
4
ov_pattern12
0
-
-
3
ov_pattern11
0
-
-
2
ov_pattern10
0
-
-
1
ov_pattern9
0
-
-
0
ov_pattern8
0
-
-
Table 100. Overshoot protection configuration register 2
Bit
Name
Default
Function
Comments
7
ov_pattern7
0
-
-
6
ov_pattern6
0
-
-
5
ov_pattern5
0
-
-
4
ov_pattern4
0
-
-
3
ov_pattern3
0
-
-
2
ov_pattern2
0
-
-
1
ov_pattern1
0
-
-
0
ov_pattern0
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com