Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 18Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 19Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 20Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 21Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 22Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 23Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 24Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 25Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
12.2.1.2.1 Using current sense resistor
For low and medium output currents ( < 8 A), current sense can be done using a shunt
resistor Rshunt in series with the SW2 inductor LSW2, as shown in Figure 9 below.
aaa-041308
Rshunt
10 m
Lsw2
4.7 H
0.1 F
2x
22 F
SWIN
10 F
CONTROL,
DRIVER
AND
LOGIC
SW2BOOT
VCC
SW2CSP
SW2FB
SW2GHS
EN2
SW2GLS
SW2LX
SW2CSN
Figure 9. SW2 application schematic with Rshunt current sensing
The power dissipation on PRSHUNT = ISW22 * Rshunt. For example, when ISW2 = 5.0 A
and Rshunt = 0.01 Ω, PRSHUNT is 0.25 W.
The SW2 current limitation is calculated as OTP_SW2_ILIM divided by the Rshunt. For
example, for OTP_SW2_ILIM = 80 mV and Rshunt = 0.01 Ω, the peak current limit is 8.0
A.
12.2.1.2.2 Inductor DCR current sense
For high current applications (ISW2 > 8.0 A), the power dissipation in the current
sense resistor becomes non-negligible (> 0.6 W). In that case, the DCR current sense
technique can be a good alternative, using the intrinsic DCR of the inductor to sense the
current. However, the inductor DCR value is less accurate than a shunt resistor, which
impacts the current limit accuracy. A higher resistance value means a lower current
limitation, and less accuracy means a wider current limitation range.
Figure 10. DCR current sense with a single capacitor
aaa-041309
RDCR
C1
R1
LSW2
0.047 F
2x
22 F
SWIN
10 F
CONTROL,
DRIVER
AND
LOGIC
SW2BOOT
VCC
SW2CSP
SW2FB
SW2GHS
EN2
SW2GLS
SW2LX
SW2CSN
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
22 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com