Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 8Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 9Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 10Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 11Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 12Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Rating
Board Type
Symbol
Value
Unit
Junction to Ambient Thermal Resistance[1]
Customized, 2s6p
RθJA
29.4
°C/W
Junction-to-Top of Package Thermal Characterization
Parameter[1]
Customized, 2s6p
ΨJT
4.4
°C/W
Table 6. QFN32 thermal resistance and package dissipation ratings...continued
[1]
Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is solely for a thermal
performance comparison of one package to another in a standardized specified environment. It is not meant to predict the performance of a package in
an application-specific environment. Normal practice assumes uniform heating on the die. When higher power density occurs in localized areas, there are
significant hot spots on the die.
10 Device Level Electrical Parameters
All parameters are specified at TA = –40 °C to 125 °C, VIN = 14 V, ENx = 12 V,
VCC = 5.0 V, No Load on regulators, Fsw = 450 kHz, typical external component values,
unless otherwise noted. Typical values are specified at 25 °C, unless otherwise noted.
Parameter
Symbol Min
Typ
Max
Unit
VIN Rising Threshold
(minimum VIN for FS5600 to turn on)
VIN_r
—
—
5.7
V
VIN and SW1/2IN recommended operating voltage (after crossing
VIN_r).
BIAS_IN = 5 V powers VCC
VIN
2.7
—
36
V
VIN and SW1/2IN recommended operating voltage (after crossing
VIN_r).
BIAS_IN = 0 V. [1]
VIN
4.4
—
36
V
Quiescent Current (non-switching), SW1 & SW2 in PFM.
BIAS_IN connected to 5 V. ULPM Mode.
Current measured at VIN
Current measured at BIAS_IN
Iq1
—
16
140
—
µA
Quiescent Current (non-switching), SW1 in PFM. SW2 disabled.
BIAS_IN connected to 5 V. ULPM Mode.
Current measured at VIN
Current measured at BIAS_IN
Iq2
—
12.5
105
—
µA
Quiescent Current (non-switching), SW2 in PFM. SW1 disabled.
BIAS_IN connected to 5 V. ULPM Mode.
Current measured at VIN
Current measured at BIAS_IN
Iq3
—
10
100
—
µA
Shutdown Mode quiescent current
Iq4
—
7.5
—
µA
Table 7. Device level electrical parameters
[1]
In the absence of BIAS_IN, VIN falling below this voltage will cause FS5600 to power off.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
9 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com