Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 25Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 26Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 27Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 28Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 29Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
• Low-power 100 kHz clock
• Internal high frequency clock with programmable frequency
• Phase-Locked Loop (PLL)
• A digital clock management interface is in-charge of supporting interaction among
these blocks.
Figure 11 shows a high-level block diagram of the clock management system.
aaa-037157
Internal
Oscillator
(Spread spectrum,
Freq tuning)
Divider
/1 (OTP_FSYNC_RANGE = 1)
/6 (OTP_FSYNC_RANGE = 0)
Divider 2
/44 (OTP_CLK2_DIV = 0)
/64 (OTP_CLK2_DIV = 1)
SYNCIN
Divider
/48
OSC_MAIN/48
CLOCK
monitoring
SW1
PLL x 48
out
in
enable
CLK
0
1
CLK_FIN_DIV
EXT_FIN_SEL
Divider 1
/7 (OTP_CLK1_DIV = 0)
/9 (OTP_CLK1_DIV = 1)
CLK1
CLK1
CLK2
SYNCOUT
0
1
0
1
CLK2
OTP_SW1_CLKSEL
OTP_SW2_CLKSEL
SW2
CLK1
0
1
CLK2
Figure 11. Clock management system high-level block diagram
14.1 FS5600 clock electrical characteristics
All parameters are specified at Tj = –40 °C to 150 °C, VIN= 12 V, VCC = 5V, unless
otherwise noted. Typical parameters are specified at VIN = 12 V, Tj = 25 °C unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
High Frequency clock accuracy (20 MHz setting)
F20 MHz
18.8
20
21.2
MHz
Spread Spectrum Frequency modulation frequency (FSS_
FMOD = 0)
Fss_mod_f
—
23.5
—
kHz
Spread Spectrum Frequency modulation frequency (FSS_
FMOD = 1)
Fss_mod_f
—
94
—
kHz
Spread Spectrum modulation range
Fss_mod_range
—
5
—
%
SYNCIN input falling threshold
VIL_SYNCIN
0.35
—
—
V
SYNCIN input rising threshold
VIH_SYNCIN
—
—
1.25
V
SYNCIN input clock frequency range (OTP_FSYNC_RANGE
= 0)
FSYNCIN
2000
—
3000
kHz
SYNCIN input clock frequency range (OTP_FSYNC_RANGE
= 1)
FSYNCIN
333
—
500
kHz
SYNCIN input accepted duty cycle of signal (set internal
oscillator frequency closest to the resulting high frequency
clock from external clock source)
Fduty
40
—
60
%
Table 27. FS5600 clock electrical characteristics
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
29 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com