Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 73Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 74Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 75Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 76Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 77Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 78Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 79Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 80Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Bit
Symbol
Description
2
ABIST_VMON1_OV_ERR
VMON1 overvoltage monitor ABIST status.
1b'0 — No error.
1b'1 — Error detected.
Reset Condition — POR
1
ABIST_OSC_ERR
Oscillators 20 MHz / 100 kHz monitor ABIST status.
1b'0 — No error.
1b'1 — Error detected
POR
0
ABIST_CRC_ERR
OTP CRC status calculated during ABIST.
1b'0 — No error.
1b'1 — Error detected.
Reset Condition — POR
Table 72. BIST_STATUS1 register description...continued
18.1.18 BIST_STATUS2 register
Bit
Symbol
Description
13
FS0B_STUCK_AT_0
FS0B pin stuck at 0 flag.
1b'0 — No stuck at 0 detected.
1b'1 — Stuck at 0 detected.
Reset Condition — POR
12
FS0B_STUCK_AT_1
FS0B pin stuck at 1 flag.
1b'0 — No error.
1b'1 — Stuck at 1 detected.
Reset Condition — POR
11
PGOOD2_STUCK_AT_0
PGOOD2 pin stuck at 0 flag.
1b'0 — No stuck at 0 detected.
1b'1 — Stuck at 0 detected.
Reset Condition — POR
10
PGOOD2_STUCK_AT_1
PGOOD2 pin stuck at 1 flag.
1b'0 — No error.
1b'1 — Stuck at 1 detected.
Reset Condition — POR
9
PGOOD1_STUCK_AT_0
PGOOD1 pin stuck at 0 flag.
1b'0 — No stuck at 0 detected.
1b'1 — Stuck at 0 detected.
Reset Condition — POR
8
PGOOD1_STUCK_AT_1
PGOOD1 pin stuck at 1 flag.
1b'0 — No stuck at 1 detected.
1b'1 — Stuck at 1 detected.
Reset Condition — POR
1
LBIST_DONE
LBIST completion status.
1b'0 — LBIST did not run.
1b'1 — LBIST ran.
Reset Condition — POR
Table 73. BIST_STATUS2 register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
77 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com