Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 26Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 27Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 28Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 29Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Parameter
Symbol
Min
Typ
Max
Unit
SYNCOUT output logic level low
VOL_SYNCOUT
0
—
0.3 x
VDDIO
V
SYNCOUT output logic level high
VOH_
SYNCOUT
0.7 x
VDDIO
—
VDDIO
V
Table 27. FS5600 clock electrical characteristics...continued
14.2 High frequency oscillator
The FS5600 features a high frequency clock with nominal frequency of 20 MHz. The
clock frequency can be adjusted using the CLK_FREQ[3:0] bits via I2C. The initial value
of CLK_FREQ[3:0] is loaded from OTP memory from OTP_CLK_FREQ[3:0] bits. The
high frequency oscillator is referred to as the 20 MHz clock in this document for simplicity.
OTP_CLK_FREQ[3:0]
CLK_FREQ[3:0]
Clock frequency (MHz)
0000
20
0001
21
0010
22
0011
23
0100
24
0101
Not used
0110
Not used
0111
Not used
1000
Not used
1001
16
1010
17
1011
18
1100
19
1101
Not used
1110
Not used
1111
Not used
Table 28. Internal oscillator frequency selection
14.3 Spread spectrum
The internal oscillator provides a programmable frequency spread spectrum to help
manage EMC in automotive applications. Spread spectrum is enabled by setting the
FSS_EN bit. The initial value of FSS_EN is loaded from OTP_FSS_EN and can be
subsequently changed via I2C.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
30 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com