Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 64Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 65Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 66Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 67Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 68Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 69Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 70Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 71Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
18.1 Register descriptions
The following bit-types are used in the FS5600 register map.
Bit type
Description
RWOTP
Read-write bit with default value loaded from
OTP
RO
Read-only
RW
Read-write capable
FLGWC
Write 1 to clear flag bit
EXTRW
Read-write bit with self-set/reset capability
Table 55. FS5600 register map bit-types
18.1.1 SW1CTRL register
Bit
Symbol
Description
2
SW1_EN
Switcher enable. Applied to the switcher only when SW1_EN =
NOT(NOT_SW1_EN).
1b'0 — Disable SW1.
1b'1 — SW1 Enabled provided EN1 is high.
Reset Condition — POR
1 to 0
SW1_MODE[1:0]
SW1 Operating mode. Applied to the switcher only when SW1_
MODE[1:0] = NOT(NOT_SW1_MODE[1:0]).
2b'00 — SW1 in PFM Mode.
2b'01 — Reserved.
2b'10 — Reserved.
2b'11 — SW1 in PWM mode.
Reset Condition — POR
Table 56. SW1CTRL register description
18.1.2 NOT_SW1CTRL register
Bit
Symbol
Description
2
NOT_SW1_EN
Switcher enable. Applied to the switcher only when SW1_EN =
NOT(NOT_SW1_EN).
1b'0 — See SW1_EN in SW1CTRL register.
1b'1 — See SW1_EN in SW1CTRL register.
Reset Condition — POR
1 to 0
NOT_SW1_MODE[1:0]
—
SW1 Operating Mode. Applied to the switcher only when SW1_
MODE[1:0] = NOT(NOT_SW1_MODE[1:0])
2b'00 — See SW1_MODE[1:0] in SW1CTRL register.
2b'01 — See SW1_MODE[1:0] in SW1CTRL register.
2b'10 — See SW1_MODE[1:0] in SW1CTRL register.
2b'11 — See SW1_MODE[1:0] in SW1CTRL register.
Reset — Condition POR
Table 57. NOT_SW1CTRL register description
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
68 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com