Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMMA8ES Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MFS5600AMMA8ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA8ES Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MFS5600AMMA8ES Datasheet HTML 88Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 89Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 90Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 91Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 92Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 93Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 94Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 95Page - NXP Semiconductors MFS5600AMMA8ES Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
21 Typical Application Schematic
aaa-037162
33
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDIO
VIN
EXT_CLOCK
FS5600
PGOOD2
SW2OUT
PGOOD1
FS0B
SW1OUT
SCL
SDA
VDDOTP/GPIO1
SW1LX
SW1LX
2
L1
4.7 µH
C17
0.1 µF
1
SW2COMP
SW2FB
SW2CSN
SW2CSP
FS0B
EN1
EN2
EN1
EN2
SW1LX
SW1OUT
SW1IN
SW1IN
SWIN
SW1BOOT
VMON1
VMON2
VMON1
VMON3
VMON4
SW2GLS
6
2
1
4
3
5
SW2LX
SW2GLS
SWIN
SW2GLS
SW2LX
SW2CSP
SW2CSN
SW2GHS
SW2OUT
Used as GPO
in system
SW2CSN
SW2CSP
450 kHz
2
2
3 4
1
LPRE1
RSNS1
0.010
4.7 µH
1
32 31 30 29 28 27 26 25
9
10
11
12
13
14
15
16
GND
GND
GND
VIN
U2
10 µF
C19
GND
2.2 µF
C10
GND
VDDIO
Vp
VDDIO
2.2 µF
C18
C4
4.7 µF
C1
22 µF
C14
22 µF
C15
22 µF
C16
22 µF
C12
0.1 µF
C2
22 µF
GND
C3
10 µF
R20
5.1 kΩ
VDDIO
R8
5.1 kΩ
VIN
R9
5.1 kΩ
R12
5.1 kΩ
R13
5.1 kΩ
C11
20 nF
GND
C13
10 µF
BUK9K18-40E
Q1
GND
GND
GND
C6
0.1 µF
C9
20 pF
R10
1.5 kΩ
R11
2.2 kΩ
R6
2.2 kΩ
R5
2.2 kΩ
VMON3
Vr
R17
5.1 kΩ
R16
5.1 kΩ
GND
VMON2
Vq
R15
5.1 kΩ
R14
5.1 kΩ
GND
VMON4
Vs
R19
5.1 kΩ
R18
5.1 kΩ
GND
pi-filter
SWIN
Figure 33. Typical application schematic
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
92 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com