Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 4 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 4 Page - Texas Instruments

  PLM5177DCPR Datasheet HTML 1Page - Texas Instruments PLM5177DCPR Datasheet HTML 2Page - Texas Instruments PLM5177DCPR Datasheet HTML 3Page - Texas Instruments PLM5177DCPR Datasheet HTML 4Page - Texas Instruments PLM5177DCPR Datasheet HTML 5Page - Texas Instruments PLM5177DCPR Datasheet HTML 6Page - Texas Instruments PLM5177DCPR Datasheet HTML 7Page - Texas Instruments PLM5177DCPR Datasheet HTML 8Page - Texas Instruments PLM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Table 5-1. Pin Functions (continued)
Pin
Type(1)
Description
Name
No.
EN/UVLO
4
I
Enable pin. The pin enables or disables the device. If the pin is less than 0.6 V, the device shuts
down. The pin must be raised above 0.65 V to enable the device. This pin is the enable pin for the
device internal reference circuit and input voltage UVLO comparator input.
FB
19
I
Feedback pin for output voltage regulation. Connect a resistor divider network from the output of
the converter to the FB pin. Connect the FB pin to VCC to operate at a fixed output voltage of 12
V.
HB1
35
P
Bootstrap supply pin for buck half-bridge. An external capacitor is required between the HB1 pin
and the SW1 pin, respectively, to provide bias to the high-side MOSFET gate driver.
HO1
34
O
High-side gate driver output for the buck half-bridge
HB2
26
P
Bootstrap supply pin for boost half-bridge. An external capacitor is required between the HB2 pin
and the SW2 pin, respectively, to provide bias to the high-side MOSFET gate driver.
HO2
27
O
High-side gate driver output for the boost half-bridge
IMONOUT
6
O
Current monitor output pin. Output of the voltage-controlled current source of the optional current
monitor. Connect the pin to a resistor to sense the voltage across. If the output or input current
sense amplifier is configured as current limiter, an external RC network connected between
IMONOUT and AGND compensates the regulator of the current feedback loop. Connect the
IMONOUT pin to VCC to disable the block and reduce the quiescent current.
ISNSN
22
I
Positive sense input of the output or input current sense amplifier. An optional current sense
resistor connected between ISNSN and ISNSP can be located either on the input side or on the
output side of the power stage.
ISNSP
23
I
Negative sense input of the output or input current sense amplifier. An optional current sense
resistor connected between ISNSN and ISNSP can be located either on the input side or on the
output side of the power stage.
LO1
32
O
Low-side gate driver output for the buck half-bridge
LO2
29
O
Low-side gate driver output for the boost half-bridge
MODE
12
I
Digital input to select device operation mode. If the pin is pulled low, power save mode (PSM) is
enabled. If the pin is pulled high, the forced PWM or CCM operation is enabled. The configuration
can be changed dynamically during operation. Do not leave this pin floating. If this function is not
used, connect the pin to VCC or GND.
NC
2
NC
No internal connection
NC
5
NC
No internal connection
NC
21
NC
No internal connection
NC
24
NC
No internal connection
NC
28
NC
No internal connection
NC
33
NC
No internal connection
NC
8
NC
Make no external connection
NC
9
NC
Make no external connection
nFLT
7
O
Open-drain output pin for fault indication or power good. This pin is pulled low when FB is outside
a ±10% regulation window around the regulation window of the nominal output voltage.
PowerPAD
PAD
G
Connect the PowerPAD to the analog ground. Use thermal vias to connect to a PCB ground plane
for improved power dissipation.
PGND
30
G
Power ground. This pin is the high current ground connection to the low-side gate drivers and for
the internal VCC regulator.
RT
15
I/O
Switching frequency programming pin. An external resistor is connected to the RT pin and AGND
to set the switching frequency.
SLOPE
14
I
A resistor connected between the SLOPE pin and AGND provides the slope compensation ramp
for stable current mode operation in both buck and boost mode.
SS/ATRK
16
I/O
Soft-start programming pin. A capacitor between the SS pin and AGND pin programs soft-start
time. Analog output voltage tracking pin. The VOUT regulation target can be programmed
by connecting the pin to variable voltage reference (for example, through a digital to analog
converter). The internal circuit selects the lowest voltage applied to the pin.
SW1
36
P
Inductor switch node for the buck half-bridge
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com