Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 21 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 17Page - Texas Instruments PLM5177DCPR Datasheet HTML 18Page - Texas Instruments PLM5177DCPR Datasheet HTML 19Page - Texas Instruments PLM5177DCPR Datasheet HTML 20Page - Texas Instruments PLM5177DCPR Datasheet HTML 21Page - Texas Instruments PLM5177DCPR Datasheet HTML 22Page - Texas Instruments PLM5177DCPR Datasheet HTML 23Page - Texas Instruments PLM5177DCPR Datasheet HTML 24Page - Texas Instruments PLM5177DCPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
VT+( Sleep)
Inducto r
Curren t
Output Voltage
Sing le Pulse
Slee p
VO(nom)
Figure 8-5. Timing Diagram for the Power Save Mode
8.3.3 Power-On Reset (POR System)
The integrated power-on reset system provides power to all internal functional circuits other than the gate drivers
and handles the supervision for the internal logic. The low quiescent current design of this block enables an
extremely low shutdown current of the whole system. There is a power ORing between the VIN and BIAS pin for
the POR system to ensure LM5177 functionality even under extreme operation conditions, like an output or input
short.
Once the voltage on VIN or BIAS rises above the POR threshold, the device logic starts the initialization process
and is continuously monitoring the EN/UVLO pin to start the converter operation. To avoid any brownout, the
POR system contains a voltage detection (VDET) for the VIN pin. This function additionally supervises the input
voltage and ensures the power stage operation is blocked outside.
8.3.4 Supply Voltage Selection – VMAX Switch
There are two pins to supply the LM5177 internal voltage regulators. Due to the internal supply voltage selection
circuit, the device can reduce the power dissipation by ensuring a seamless operation at low input or output
voltages as well as in transient operating conditions like an output short. The VMAX switch selects the pin
with the lower voltage from the VIN or BIAS pin once the voltage on both is above the switch-over threshold
(VT(VCC, SUP)). If one pin voltage is lower than the threshold, the other supply pin is selected. And if both pins are
lower than the switch-over threshold, the higher voltage of VIN or BIAS is selected as supply. The following are
common configurations for the supply pins:
• The VIN pin is connected to the supply voltage. The BIAS pin is connected to VO. During start-up, that is as
long as the output voltage is not higher than the supply switch-over threshold, the VIN supplies the internal
regulators. Once VO is high enough, the supply current comes from the BIAS pin.
• Both the VIN pin and the BIAS pin are connected together to the input supply voltage. This configuration is
often used in applications where the input supply voltage is usually lower or equal than the output voltage.
As the BIAS pin is connected to the input voltage, the device has the full current capability of the internal
regulators at low input voltages for start-up.
• The VIN is connected to the input supply voltage and the BIAS pin is connected to an auxiliary supply
(for example, an existing 12-V DC/DC converter). This configuration is commonly used at high voltage
applications on the input and output voltages where the power dissipation over the integrated linear
regulators must be further minimized.
VIN
BIAS
VI
VO
Sup ply Vo ltag e S electio n
to Internal
Regula tors
Figure 8-6. VMAX Supply Scenario 1
www.ti.com
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com