Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 40 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 36Page - Texas Instruments PLM5177DCPR Datasheet HTML 37Page - Texas Instruments PLM5177DCPR Datasheet HTML 38Page - Texas Instruments PLM5177DCPR Datasheet HTML 39Page - Texas Instruments PLM5177DCPR Datasheet HTML 40Page - Texas Instruments PLM5177DCPR Datasheet HTML 41Page - Texas Instruments PLM5177DCPR Datasheet HTML 42Page - Texas Instruments PLM5177DCPR Datasheet HTML 43Page - Texas Instruments PLM5177DCPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
by the RHP zero (fRHP / 3) with 1/20 of the switching frequency and use the smaller of the two values as the
achievable bandwidth.
The compensation zero can be placed at 1.5 times the boost output pole frequency. Keep in mind that this
locates the zero at three times the buck output pole frequency, which results in approximately 30 degrees of
phase loss before crossover of the buck loop and 15 degrees of phase loss at intermediate frequencies for the
boost loop:
fZC= 2.16 kHz
(47)
If the crossover frequency is well below the RHP zero and the compensation zero is placed well below the
crossover, the compensation gain resistor, Rc1, is calculated using the approximation:
RC1= 2π×fbw
gmEA ×RFB1+RFB2
RFB2 ×ACS×RSENSE×COUT
1−DMAX × 11+fbwfRHP2=1.1 kΩ
(48)
where
• DMAX is the maximum duty cycle at the minimum VIN in boost mode.
• ACS is the current sense amplifier gain.
The compensation capacitor, Cc1, is then calculated from:
CC1=  1
2π×fZC× Rc1= 97nF
(49)
The standard values of compensation components are selected to be Rc1 = 768 Ω and Cc1 = 100 nF.
A high frequency pole (fpc2) is placed using a capacitor (Cc2) in parallel with Rc1 and Cc1. Set the frequency of
this pole at seven to ten times of fbw to provide attenuation of switching ripple and noise on COMP while avoiding
excessive phase loss at the crossover frequency. For a target fpc2 = 10 kHz, Cc2 is calculated using Equation 50:
CC2=  1
2π×fpc2×Rc1= 20.9 nF
(50)
Select a standard value of 22 nF for Cc2. These values provide a good starting point for the compensation
design. Each design must be tuned in the lab to achieve the desired balance between stability margin across the
operating range and transient response time.
9.2.3 Application Curves
Output Current (A)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
75
77
79
81
83
85
87
89
91
93
95
Figure 9-2. Efficiency Versus IO in Boost Mode
(VIN = 5 V)
Output Current (A)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
75
77.5
80
82.5
85
87.5
90
92.5
95
97.5
100
Figure 9-3. Efficiency Versus IO in Buck-Boost
Mode
(VIN = 16 V)
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com