Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 9 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 5Page - Texas Instruments PLM5177DCPR Datasheet HTML 6Page - Texas Instruments PLM5177DCPR Datasheet HTML 7Page - Texas Instruments PLM5177DCPR Datasheet HTML 8Page - Texas Instruments PLM5177DCPR Datasheet HTML 9Page - Texas Instruments PLM5177DCPR Datasheet HTML 10Page - Texas Instruments PLM5177DCPR Datasheet HTML 11Page - Texas Instruments PLM5177DCPR Datasheet HTML 12Page - Texas Instruments PLM5177DCPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 150°C. Unless otherwise
stated, V(BIAS) = 12 V
PARAMETER
MIN
TYP
MAX UNIT
SUPPLY CURRENT
Shutdown current into VIN
V(VIN) = 12 V, V(BIAS) = 0
V, V(EN) = 0 V
2.8
µA
Shutdown current into BIAS
V(VIN) = 0 V, V(EN) = 0 V
2.8
µA
Stand-by current into VIN
V(VIN) = 78 V, V(BIAS) = 0
V, 0.7 V > V(EN) ≤ 1.25 V
45
µA
Quiescent current into BIAS
V(EN) = 3.3 V, V(FB) > 1 V,
μSleep enabled
60
µA
IIL
Low-level input current
EN/UVLO
V(EN/UVLO) ≤ 0.55 V
±0.01
µA
VCC REGULATOR
VCC regulation
VBIAS 12.0 V, I(VCC) = 20 mA
5
V
VVIN 12.0 V, I(VCC) = 20 mA
5
V
BIAS LDO load regulation in dropout
operation
VBIAS = 3.5 V, I(VCC) = 50 mA
200
mV
VCC line regulation
I(VCC) = 1 mA
V(VIN) = 3.5 V, V(BIAS) =
6.7 V to 42 V
±1%
V(BIAS) = 0 V, V(VIN) = 6.7
V to 78 V
±1%
BIAS LDO dropout load regulation
V(BIAS) = 6.7 V, V(VIN) =
3.5 V
I(VCC) = 1 mA to 200 mA
7
mV
VIN LDO dropout load regulation
V(BIAS) = 0 V, V(VIN) = 6.7
V
I(VCC) = 1 mA to 175 mA
7
mV
VCC UVLO delay
VCC rising
6
μs
VCC sourcing current limit
VCC = 3.7 V, TJ = 25°C
to 150°C
V(BIAS) = 0 V, V(VIN) = 6.7
V,
200
mA
V(BIAS) = 6.7 V, V(VIN) =
3.5 V
200
mA
VT+(VCC)
Positive-going threshold
V(VCC) rising
3.45
V
VT-(VCC)
Negative-going threshold
V(VCC) falling
3.25
V
VT+
(VCC,SUP)
Positive-going threshold for LDO
switch-over
6.5
V
ENABLE
VT+(EN)
Enable positive-going threshold
EN rising
0.63
V
VT-(EN)
Enable negative-going threshold
EN falling
0.6
V
Vhyst(EN)
Enable threshold hysteresis
EN falling
20
mV
td(EN)
Shutdown delay time
20
μs
UVLO
VT+(UVLO)
UVLO positive-going threshold
V(EN/UVLO) rising
1.28
V
VT-(UVLO)
UVLO negative-going threshold
V(EN/UVLO) falling
1.23
V
Vhyst(UVLO)
UVLO threshold hysteresis
V(EN/UVLO) falling
50
mV
IUVLO
UVLO hystereses sinking current
0.7 V ≤ V(EN/UVLO) < 1.24 V
5
µA
Enable time to start switching
VCC = 5 V, VT+(UVLO) > 1.3 V
45
μs
td(UVLO)
UVLO detection delay time
V(EN/UVLO) falling; V(VDET) falling
30
µs
SYNC
VT+(SYNC)
Sync input positive-going threshold
1.19
V
VT-(SYNC)
Sync input negative-going threshold
0.41
V
www.ti.com
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com