Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 9Page - Texas Instruments PLM5177DCPR Datasheet HTML 10Page - Texas Instruments PLM5177DCPR Datasheet HTML 11Page - Texas Instruments PLM5177DCPR Datasheet HTML 12Page - Texas Instruments PLM5177DCPR Datasheet HTML 13Page - Texas Instruments PLM5177DCPR Datasheet HTML 14Page - Texas Instruments PLM5177DCPR Datasheet HTML 15Page - Texas Instruments PLM5177DCPR Datasheet HTML 16Page - Texas Instruments PLM5177DCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 150°C. Unless otherwise
stated, V(BIAS) = 12 V
PARAMETER
MIN
TYP
MAX UNIT
RCFG
External selection
resistor resistance
R2D setting
#0
0
kΩ
R2D setting
#1
0.511
kΩ
R2D setting
#2
1.15
kΩ
R2D setting
#3
1.87
kΩ
R2D setting
#4
2.74
kΩ
R2D setting
#5
3.83
kΩ
R2D setting
#6
5.11
kΩ
R2D setting
#7
6.49
kΩ
R2D setting
#8
8.25
kΩ
R2D setting
#9
10.5
kΩ
R2D setting
#10
13.3
kΩ
R2D setting
#11
16.2
kΩ
R2D setting
#12
20.5
kΩ
R2D setting
#13
24.9
kΩ
R2D setting
#14
30.1
kΩ
R2D setting
#15
36.5
kΩ
(1)
Zero offset is determined by interpolation
6.6 Timing Requirements
Over operating junction temperature range and recommended supply voltage range (unless otherwise noted)
MIN
NOM
MAX
UNIT
OVERALL DEVICE FEATURES
Minimum time low EN toggle
time measured from EN toggle from H to L and from L to H
TBD
µs
www.ti.com
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com