Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 7 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 3Page - Texas Instruments PLM5177DCPR Datasheet HTML 4Page - Texas Instruments PLM5177DCPR Datasheet HTML 5Page - Texas Instruments PLM5177DCPR Datasheet HTML 6Page - Texas Instruments PLM5177DCPR Datasheet HTML 7Page - Texas Instruments PLM5177DCPR Datasheet HTML 8Page - Texas Instruments PLM5177DCPR Datasheet HTML 9Page - Texas Instruments PLM5177DCPR Datasheet HTML 10Page - Texas Instruments PLM5177DCPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
6.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise specified)(1)
MIN
MAX
UNIT
Input
BIAS to AGND
–0.3
50
V
VIN to AGND
–0.3
80
EN/UVLO to AGND
–0.3
V(VIN) + 0.3
SS/ATRK, DTRK, RT, SYNC, MODE, SLOPE, CFG, to AGND(2)
–0.3
5.8
FB to AGND
–0.3
5.8
CSA, CSB to AGND (DC)
–0.7
80
CSA, CSB to AGND (35-ns transient)
–5
80
SW1, SW2 to AGND (DC)
–0.7
80
SW1, SW2 to AGND (35-ns transient)
–5
80
HB1 to SW1, CSA, CSB
–0.3
5.5(5)
–0.3
7.8
HB2 to SW2, CSA, CSB
–0.3
5.5(5)
–0.3
7.8
SW1 to CSA, CSB
–0.3
0.3
PGND to AGND
–0.3
0.3
Output
VCC to AGND
–0.3
5.5
V
VOUT to AGND
–0.3
80
LO1, LO2, to AGND (DC)
–5
V(VCC) + 0.3
nFLT to AGND
–0.3
5.8
HO1, HO2, ISNSP, ISNSN, HB1, HB2 to AGND (DC)
–0.3
85
COMP, IMONOUT to AGND(3)
–0.3
5.8
Storage temperature, TSTG
–55
150
°C
Operating junction temperature, TJ (4)
–40
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
This pin is not specified to have an external voltage applied.
(3)
This pin has an internal maximum voltage clamp which can handle up to 1.6 mA.
(4)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
(5)
Operating lifetime is de-rated for voltage bigger than the specified maximum.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002(2)
Corner pins
±750
Other pins
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±500 V may actually have higher performance.
www.ti.com
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com