Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLM5177DCPR Datasheet(PDF) 12 Page - Texas Instruments

Part # PLM5177DCPR
Description  LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLM5177DCPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLM5177DCPR Datasheet HTML 8Page - Texas Instruments PLM5177DCPR Datasheet HTML 9Page - Texas Instruments PLM5177DCPR Datasheet HTML 10Page - Texas Instruments PLM5177DCPR Datasheet HTML 11Page - Texas Instruments PLM5177DCPR Datasheet HTML 12Page - Texas Instruments PLM5177DCPR Datasheet HTML 13Page - Texas Instruments PLM5177DCPR Datasheet HTML 14Page - Texas Instruments PLM5177DCPR Datasheet HTML 15Page - Texas Instruments PLM5177DCPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 150°C. Unless otherwise
stated, V(BIAS) = 12 V
PARAMETER
MIN
TYP
MAX UNIT
tt
Transition (dead) time
HOx from
high to low
and LOx
from low to
high
CG = 3.3 nF
R(RT) = 14.7 kΩ
17
ns
HOx from
low to high
and LOx
from high to
low
22
ns
HOx from
high to low
and LOx
from low to
high
R(RT) = 316 k Ω
55
ns
HOx from
low to high
and LOx
from high to
low
60
ns
Gate driver low-side
PMOS on-resistance
LO1, LO2
I(test) = 200 mA
1.12
Ω
Gate driver high-side
PMOS on-resistance
HO1, HO2
I(test) = 200 mA
1.16
Ω
Gate driver low-side
NMOS on-resistance
LO1, LO2
I(test) = 200 mA
0.5
Ω
Gate driver low-side
NMOS on-resistance
HO1, HO2
I(test) = 200 mA
0.51
Ω
VTH-
(BST_UV)
Negative-going bootstrap UVLO2
threshold
V(HBx) – V(SWx) falling
2.75
V
VTH+
(BST_UV)
Positive-going bootstrap
UVLO2 threshold
V(HBx) – V(SWx) rising
2.95
V
VTH+
(BST_OV)
Positive-going bootstrap over-voltage
threshold
V(HBx) – V(SWx) rising,
I_HBx = 10 mA
6
V
VTH
(GATEOUT)
Low-side and high-side gate driver
output switching detection
Referenced to VCC
37%
Referenced to V(HBx) –
V(SWx)
37%
THERMAL SHUTDOWN
TT+J
Thermal shutdown threshold
TJ rising
164
°C
Thermal shutdown hysteresis
15
°C
R2D INTERFACE
Internal reference resistor
33
kΩ
LM5177
SNVSBU4A – JUNE 2022 – REVISED OCTOBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com