Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet(PDF) 30 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 26Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 27Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 28Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 29Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 30Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 31Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 32Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 33Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
CLKout0
368.64 MHz
CLKout2
368.64 MHz
First
Adjustment
VCO
2949.12 MHz
CLKout2
368.64 MHz
Second
Adjustment
DCLK2_3_DIV + 1
DCLK2_3_DIV + 1
DCLK2_3_DIV + 1
Figure 8-5. Single and Multiple Adjustment Dynamic Digital Delay Example
8.3.5 SYSREF to Device Clock Alignment
To ensure proper JESD204B/C operation, the timing relationship between the SYSREF and the Device clock
must be adjusted for optimum setup and hold time as shown in Figure 8-6. The global SYSREF digital delay
(SYSREF_DDLY), local SYSREF digital delay (SCLKX_Y_DDLY), local SYSREF half step (SCLKX_Y_HS), and
local SYSREF analog delay (SCLKX_Y_ADLY, SCLK2_3_ADLY_EN) can be adjusted to provide the required
setup and hold time between SYSREF and Device Clock. It is also possible to adjust the device clock
digital delay (DCLKX_Y_DDLY) and half step (DCLK0_1_HS, DCLK0_1_DCC) to adjust phase with respect
to SYSREF.
Figure 8-6. SYSREF to Device Clock Timing alignment
Depending on the DCLKout_X path settings, local SCLK_X_Y_DDLY might need adjustment factor. Following
equation can be used to calculate the required Digital Delay Values to align SYSREF to the corresponding
DCLKOUT
SYSREF_DDLY = DCLKX_Y_DDLY – 1 + DCLK_DIV_ADJUST + DCLK_HS_ADJUST – SCLK_X_Y_DDLY
(1)
SYSREF_DDLY > 7; SCLK_X_Y_DDLY > 1.
Table 8-4. DCLK_DIV_ADJUST
DCLKX_Y_DIV
DCLK_DIV_ADJUST
>6
0
6
–1
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
30
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com