Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet(PDF) 49 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 49 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 45Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 46Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 47Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 48Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 49Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 50Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 51Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 52Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
8.6.2.2.6 SCLKX_Y_ADLY_EN, SCLKX_Y_ADLY
These registers set the analog delay parameters for the SYSREF outputs.
Table 8-24. Registers 0x105, 0x10D, 0x115, 0x11D, 0x125, 0x12D, 0x135
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
NA
0
Reserved
5
SCLKX_Y
_ADLY_EN
0
Enables analog delay for the SYSREF output.
0: Disabled
1: Enabled
4:0
SCLKX_Y
_ADLY
0
SYSREF analog delay in approximately 21 ps steps. Selecting analog delay
adds an additional 125 ps in propagation delay. Range is 125 ps to 608 ps.
Field Value
Delay Value
0 (0x0)
125 ps
1 (0x1)
146 ps (+21 ps from 0x00)
2 (0x2)
167 ps (+42 ps from 0x00)
3 (0x3)
188 ps (+63 ps from 0x00)
...
...
14 (0xE)
587 ps (+462 ps from 0x00)
15 (0xF)
608 ps (+483 ps from 0x00)
8.6.2.2.7 SCLKX_Y_DDLY
Table 8-25. Registers 0x106, 0x10E, 0x116, 0x11E, 0x126, 0x12E, 0x136
BIT
NAME
POR DEFAULT
DESCRIPTION
7:4
NA
0
Reserved
3:0
SCLKX_Y_DDLY
0
Sets the number of VCO cycles to delay SDCLKout by
Field Value
Delay Cycles
0 (0x00)
Bypass
1 (0x01)
2
2 (0x02)
3
...
...
10 (0x0A)
11
11 to 15 (0x0B to 0x0F)
Reserved
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com