Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet(PDF) 55 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 55 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 51Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 52Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 53Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 54Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 55Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 56Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 57Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 58Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
8.6.2.3.5 SYSREF_PULSE_CNT
This register sets the number of SYSREF pulses if SYSREF is not in continuous mode. See SYSREF_REQ_EN,
SYNC_BYPASS, SYSREF_MUX for further description of SYSREF's outputs.
Programming the register causes the specified number of pulses to be output if "SYSREF Pulses" is selected by
SYSREF_MUX and SYSREF functionality is powered up.
Table 8-34. Register 0x13E
BIT
NAME
POR DEFAULT
DESCRIPTION
7:2
NA
0
Reserved
1:0
SYSREF_PULSE_CNT
3
Sets the number of SYSREF pulses generated when not in continuous mode.
See SYSREF_REQ_EN, SYNC_BYPASS, SYSREF_MUX for more
information on SYSREF modes.
Field Value
Number of Pulses
0 (0x00)
1 pulse
1 (0x01)
2 pulses
2 (0x02)
4 pulses
3 (0x03)
8 pulses
8.6.2.3.6 PLL2_RCLK_MUX, PLL2_NCLK_MUX, PLL1_NCLK_MUX, FB_MUX, FB_MUX_EN
This register controls the feedback feature.
Table 8-35. Register 0x13F
BIT
NAME
POR DEFAULT
DESCRIPTION
7
PLL2_RCLK_MUX
0
Selects the source for PLL2 reference.
0: OSCIN
1: Currently selected CLKIN.
6
NA
0
Reserved
5
PLL2_NCLK_MUX
0
Selects the input to the PLL2 N Divider
0: PLL2 Prescaler
1: Feedback Mux
4:3
PLL1_NCLK_MUX
0
Selects the input to the PLL1 N Divider.
0: OSCIN
1: Feedback Mux
2: PLL2 Prescaler
2:1
FB_MUX
0
When in 0-delay mode, the feedback mux selects the clock output to be fed
back into the PLL1 N Divider.
Field Value
Source
0 (0x00)
CLKOUT6
1 (0x01)
CLKOUT8
2 (0x02)
SYSREF Divider
3 (0x03)
External
0
FB_MUX_EN
0
When using 0-delay, FB_MUX_EN must be set to 1 power up the feedback
mux.
0: Feedback mux powered down
1: Feedback mux enabled
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com