Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet(PDF) 46 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 46 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 42Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 43Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 44Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 45Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 46Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 47Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 48Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 49Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
8.6.2.2.3 CLKoutX_Y_PD, CLKoutX_Y_ODL, CLKoutX_Y_IDL, DCLKX_Y_DDLY_PD, DCLKX_Y_DDLY[9:8],
DCLKX_Y_DIV[9:8]
Table 8-21. Registers 0x102, 0x10A, 0x112, 0x11A, 0x122, 0x12A, 0x132
BIT
NAME
POR DEFAULT
DESCRIPTION
7
CLKoutX_Y_PD
1
Power down the clock group defined by X and Y.
0: Enabled
1: Power down entire clock group including both CLKoutX and CLKoutY.
6
CLKoutX_Y_ODL
0
Sets output drive level for clocks. This has no impact for the even clock output
in bypass mode.
0: Normal operation
1: Higher current consumption and lower noise floor.
5
CLKoutX_Y_IDL
0
Sets input drive level for clocks.
0: Normal operation
1: Higher current consumption and lower noise floor.
4
DCLKX_Y_DDLY_PD
0
Powerdown the device clock digital delay circuitry.
0: Enabled
1: Power down static digital delay for device clock divider.
3:2
DCLKX_Y_DDLY[9:8]
0
MSB of static digital delay, see DCLKX_Y_DDLY.
1:0
DCLKX_Y_DIV[9:8]
0
MSB of device clock divide value, see Table 8-16.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com