Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet(PDF) 37 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 37 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 33Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 34Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 35Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 36Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 37Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 38Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 39Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 40Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 102 page
background image
8.4.3 Distribution Mode
Figure 8-15 shows the use case of distribution mode. As in all the other use cases, OSCIN to OSCOUT can be
used as a buffer to OSCIN or from clock distribution path through CLKOUT6, CLKOUT8, or the SYSREF divider.
At high frequency, the input impedance to FIN0/FIN1 is low and a resistive pad is recommended for matching.
SYSREF
Digital Delay
Analog Delay
OSCIN_P
7 Blocks
Up to 14 Clock or
SYSREF Outputs
OSCOUT_P
OSCOUT_N
SYSREF
Digital Delay
Analog Delay
SYSREF
Digital Delay
Analog Delay
7 Blocks
OSCIN_N
CLKIN1_P/FIN1_P
CLKIN1_N/FIN1_N
CLKOUT6/8
Device Clock
Divider
Digital Delay
Analog Delay
FIN0_P
FIN0_N
÷2
CLKIN1_P/FIN1_P
CLKIN1_N/FIN1_N
Global SYSREF
Divider and Delay
CLKOUTx_P
CLKOUTx_N
CLKOUTx_P
CLKOUTx_N
Figure 8-15. Simplified Functional Block Diagram for Distribution Mode
8.5 Programming
The device is programmed using 24-bit registers. Each register consists of a 1-bit command field (R/W), a 15-bit
address field (A14 to A0) and a 8-bit data field (D7 to D0). The contents of each register is clocked in MSB first
(R/W), and the LSB (D0) last. During programming, the CS* signal is held low. The serial data is clocked in on
the rising edge of the SCK signal. After the LSB is clocked in, the CS* signal goes high to latch the contents
into the shift register. TI recommends to program registers in numeric order (for example, 0x000 to 0x555 with
exceptions noted in the Recommended Programming Sequence). Each register consists of one or more fields
which control the device functionality. See the Electrical Characteristics table and Figure 6-1 for timing details.
8.5.1 Recommended Programming Sequence
Registers are generally programmed in numeric order with 0x000 being the first and 0x555 being the last register
programmed. The recommended programming sequence from POR involves:
1. Program register 0x000 with RESET = 1.
2. Program defined registers from 0x000 to 0x165.
3. If PLL2 is used, program 0x173 with PLL2_PD and PLL2_PRE_PD clear to allow PLL2 to lock after PLL2_N
is programmed.
4. Continue programming defined registers from 0x166 to 0x555.
Note
When using the internal VCO, PLL2_N registers 0x166, 0x167, and 0x168 must be programmed
after other PLL2 dividers are programed to ensure proper VCO frequency calibration. This is also
true for PLL2_N_CAL registers 0x163, 0x164, 0x165 when PLL2_NCLK_MUX = 1. So if any divider
such as PLL2_R is altered to change the VCO frequency, the VCO calibration must be run again by
programming PLL2_N.
Power up PLL2 by setting PLL2_PRE_PD = 0 and PLL2_PD = 0 in register 0x173 before
programming PLL2_N.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com