Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK0483PAP/EM Datasheet(PDF) 87 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 87 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 83Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 84Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 85Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 86Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 87Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 88Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 89Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 90Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
Note
The signal level must conform to the requirements for the CLKin or OSCin pins listed in the Electrical
Characteristics table.
To support LOS functionality, CLKinX_BUF_TYPE must be set to MOS mode (CLKinX_BUF_TYPE
= 1) when AC-coupled. When AC coupling, if the 100-Ω termination is placed on the IC side of the
blocking capacitors, then the LOS functionality will not be valid.
Clock Source
Input
50
0.1 µF
0.1 µ F
CLKINx_P
CLKINx_N
Figure 9-4. CLKINx_P/CLKINx_N Single-Ended Termination
If the CLKin pins are being driven with a single-ended LVCMOS/LVTTL source, either DC coupling or
AC coupling may be used. If DC coupling is used, the CLKinX_BUF_TYPE should be set to MOS buffer
mode (CLKinX_BUF_TYPE = 1) and the voltage swing of the source must meet the specifications for DC-
coupled, MOS-mode clock inputs given in the Electrical Characteristics table. If AC coupling is used, the
CLKinX_BUF_TYPE should be set to the bipolar buffer mode (CLKinX_BUF_TYPE = 0). The voltage swing at
the input pins must meet the specifications for AC-coupled, bipolar mode clock inputs given in the Electrical
Characteristics table. In this case, some attenuation of the clock input level may be required. A simple resistive
divider circuit before the AC-coupling capacitor is sufficient.
LVCMOS/LVTTL
Clock Source
Input
50
0.1 µF
CLKINx_P
CLKINx_N
0.1 µF
Figure 9-5. DC-Coupled LVCMOS/LVTTL Reference Clock
9.1.5 OSCin Doubler for Best Phase Noise Performance
PLL2 OSCin input path includes an on-chip Frequency Doubler. To have the best phase noise performance, TI
recommends to maximize the PLL2 phase detector frequency. For example, using 122.88-MHz VCXO, PLL2
phase detector frequency can be increased to 245.76 MHz by setting PLL2_REF_2X_EN. Doubler path is a
high performance path for OSCin clock. For configuration where doubler cannot be used, TI recommends to use
Doubler and PLL2_RDIV = 2. To have deterministic phase relationship between input clock and output clocks,
0-delay modes should be used (nested 0-delay mode for dual loop configuration instead of cascaded 0-delay
mode).
9.1.6 Radiation Environments
9.1.6.1 Total Ionizing Dose
Radiation Hardness assured (RHA) products are those part numbers with a total ionizing dose (TID) level
specified in the ordering information. Testing and qualification of these product is done according to MIL-
STD-883, test method 1019.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com