Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 15Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 16Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 17Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 18Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 19Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 20Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 21Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 22Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
C[3:0]
Command type
Data source SOURCEID[2:0] = C[3:1][1]
0
0
0
0
Unused Command (reserved for error response)
NA
0
0
0
1
Sensor Data Request
SOURCEID = 0h
0
0
1
0
reserved Command
NA
0
0
1
1
Sensor Data Request
SOURCEID = 1h
0
1
0
0
reserved Command
NA
0
1
0
1
Sensor Data Request
SOURCEID = 2h
0
1
1
0
reserved Command
NA
0
1
1
1
Sensor Data Request
SOURCEID = 3h
1
0
0
0
Register Write Request[2]
NA
1
0
0
1
Sensor Data Request
SOURCEID = 4h
1
0
1
0
reserved Command
NA
1
0
1
1
Sensor Data Request
SOURCEID = 5h
1
1
0
0
Register Read Request[3]
NA
1
1
0
1
Sensor Data Request
SOURCEID = 6h
1
1
1
0
Reserved Command
NA
1
1
1
1
Sensor Data Request
SOURCEID = 7h
Table 11. SPI command summary
[1]
Source identification code matching the value set in the SOURCEID_X field in register 1Ah and 1Bh for the requested sensor data. Also see
Section 7.5.3.3.2 "Sensor data request response message format", Table 22 and Table 24.
[2]
See Section 7.5.3.2.1.
[3]
See Section 7.5.3.1.1.
7.5.2 SPI response format
MSB: bit 31; LSB: bit 0
31
30
29
28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Response to Register Request
Command
Basic
Status
Unused
Data
0h
Register data: contents
of RA[7:1] high byte
Register data: contents
of RA[7:1] low byte
8-bit CRC
C[0], [3:1]
ST[1:0] 0
0
RD[15:8]
RD[7:0]
CRC[7:0]
Response to Sensor Data Request
Command
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
C[0], [3:1]
ST[1:0]
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Error Response to Register Request
Command
Basic
Status
Unused Data = 0000h
Detail
Status
8-bit CRC
C[0], [3:1]
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 SF[1:0]
CRC[7:0]
Error Response to Sensor Data Request With Sensor Data
Command
Basic
Status
Sensor Data
Detail
Status
8-bit CRC
C[0], [3:1]
1
1
SD[11:0]
Optional SD
resolution
SF[1:0]
CRC[7:0]
Error Response to Sensor Data Request Without Sensor Data
Command
Basic
Status
x
Unused Data = 0000h
Detail
Status
8-bit CRC
0
0
0
0
1
1
x
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 SF[1:0]
CRC[7:0]
Table 12. SPI response format
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
19 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com