Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 57Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 58Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 59Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
VCC_min ≤ (VCC - VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSENS
Absolute pressure output sensitivity
P_CAL_ZERO = 0h
Temperature = –40 °C and
130 °C, VCC = 5.0 V.
12-bit at 0 Hz, tested at
PABS = 100 kPa ± 10 %
and 110 kPa ± 10 %
[5] —
46.64
—
LSB/
kPa
PACC_LoT1
Absolute pressure accuracy[6]
VCC = 5.0 V
–40 °C ≤ TA < –20 °C
[5] [7] –2.0
—
+2.0
kPa
PACC_LoT2
Absolute pressure accuracy[6]
VCC = 5.0 V
–20 °C ≤ TA < 0 °C
[5] [7] –1.75
—
+1.75
kPa
PACC_Typ
Absolute pressure accuracy[6]
VCC = 5.0 V
0 °C ≤ TA≤ 85 °C
[5] [7] –1.25
—
+1.25
kPa
PACC_HiT
Absolute pressure accuracy[6]
VCC = 5.0 V
85 °C < TA ≤ 130 °C
[5] [7] –2.0
—
+2.0
kPa
PABS_DErr
Absolute pressure output range
Digital error response
[2] —
0
—
LSB
PABS_DRng
Absolute pressure output range
Digital, 12-bit
[2] 1
—
4095
LSB
PABS_DRng
Absolute pressure output range
Digital error response
[2] —
0
—
LSB
PABSDNL
Absolute pressure nonlinearity
Absolute pressure DNL,
12-bit monotonic with no
missing codes
[3] —
—
+1
LSB
PABSINL
Absolute pressure nonlinearity
Absolute pressure INL, 12-
bit (least squares BFSL)
[3] —
—
+20
LSB
PABSPeak
Absolute pressure noise peak (12-bit)
Temperature = –40 °C and
130 °C, VCC = 5.0 V.
Maximum deviation from
mean, 50 readings, fSamp =
1 kHz, LPF = 1000 Hz, 4-
pole
[1] –8
—
+8
LSB
PABSRMS
Absolute pressure noise RMS (12-bit)
Temperature = –40 °C and
130 °C, VCC = 5.0 V.
Standard deviation of 50
readings, fSamp = 8 kHz,
LPF = 1000 Hz, 4-pole
[5] —
—
+2
LSB
POFF_D12
Absolute pressure offset
At minimum rated
pressure, P_CAL_ZERO =
0h,
Temperature = –40 °C and
130 °C, VCC = 5.0 V,
12-bit
[5] —
299
—
LSB
PSC3PSCSPI3
Digital power supply coupling
CVCC = 0.1 μf, 12-bit data
1 kHz ≤ fn ≤ 100 MHz, VCC
= 3.3 V ± 0.1 V
[3] —
—
2
LSB
PSC5PSCSPI5
Digital power supply coupling
CVCC = 0.1 μf, 12-bit data
1 kHz ≤ fn ≤ 100 MHz, VCC
= 5.0 V ± 0.1 V
[3] —
—
2
LSB
Table 104. Static characteristics...continued
[1]
Parameter verified by pass/fail testing at final test.
[2]
Functionality verified by modeling, simulation and/or design verification.
[3]
Parameter verified by functional validation.
[4]
Parameter verified by characterization.
[5]
Parameter tested at final test.
[6]
See Section 13 for accuracy over temperature and life, including nonlinearity, full scale = PABS range.
[7]
Parameter does not include lifetime drift. For complete pressure drift over temperature and life, review Section 13.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
56 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com