Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
17 Mounting recommendations
The package should be mounted with the pressure port pointing away from sources of
debris which might otherwise plug the sensor.
A plugged port exhibits no change in pressure and can be cross checked in the user
software.
Refer to NXP application note AN1902[1] for proper printed circuit board attributes and
recommendations.
18 References
[1]
AN1902 - Assembly guidelines for QFN (quad flat no-lead) and SON (small outline no-lead) packages
https://www.nxp.com/docs/en/application-note/AN1902.pdf
[2]
AEC documents on Automotive Electronics Council Component Technical Committee’s site:
http://www.aecouncil.com/AECDocuments.html
[3]
AN12727 - FXPS7xxxDI4 User method to flash UF2
https://www.nxp.com/webapp/Download?colCode=AN12727&location=null
[4]
I2C-Bus specification and user manual — NXP User Manual (UM) 10204, Rev. 6 - 4 April 2014, 64 pages,
https://www.nxp.com/docs/en/user-guide/UM10204.pdf
19 Revision history
Document ID
Release date
Data sheet status
Change notice
Supercedes
FXPS7115D4 v.6
20220606
Product data sheet
—
FXPS7115D4 v.5
Modifications:
• Global: Performed the following global changes:
– Performed minor grammatical, typographic, and changes for consistency throughout.
• Section 7.3.3.4, Table 7, revised the values in the fourth row from "-25084" to "-25084.8" and from
"746.7" to "746.72".
• Section 7.5.2, Table 12, revised bits 13 to 10 from "0" to "Optional SD resolution" for both
"Response to Sensor Data Request" and "Error Response to Sensor Data Request with Sensor
Data".
• Section 7.5.3.3.2, Table 23, revised as follows:
– Title: revised the table title from "Sensor data request response message format" to "Sensor data
request response message format – 12 bit data length".
– Bits 13 to 10: revised bit values from "0" to "Optional SD resolution" for "Sensor Data".
• Section 7.5.3.3.2, Table 24, added new row for "Optional SD resolution".
• Section 7.5.5, revised as follows:
– Table 31: revised the table title from "Expected initial responses post POR" to "Expected initial
responses after tPOR_DataValid post POR" and added table note.
Table 32: revised the table title from "Expected initial responses during soft reset" to "Expected
initial responses after tPOR_DataValid post soft reset"; and added table note.
• Section 7.7.2.2, Table 39 and Table 40, revised the table note "During POR and soft reset...."
• Section 7.7.2.4, Table 43, revised Bit 6 for the Reset row from "0" to "reserved".
• Section 7.7.4, Table 47, Bit 3 description under "In SPI Mode:", revised "1: No transmissions..." to
"1: No Responses..."
Table 108. Revision history
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
68 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com