Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 72Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Document ID
Release date
Data sheet status
Change notice
Supercedes
FXPS7115D4 v.6 Modifications (Continued)
• Section 7.7.5, revised the sentence before Table 49 from "This register is readable and writable
in DSI3 mode or PSI5 diagnostic mode." to "This register is readable and writable in SPI and I2C
modes."
• Section 7.7.7.1, revised the second paragraph inserting "(SNSDATA0, SNSDATA1)".
• Section 11. Table 105, added four new rows in the Signal chain section of the table, after "tSigDelay
for "Tr_800Hz_LPF ", "Tr_1kHz_LPF ", "TTD_800Hz_LPF", and "TTD_1kHz_LPF ".
• Section 7.7.16, added "For bit descriptions, see Table 38."
• Section 7.7.14, updated Equation 6 and removed the "Where" content following the table.
• Section 7.7.11.4, Table 70, removed reserved rows for the reserved bits 7 to 3 and 1 to 0.
• Section 7.7.11.3.2, revised the sentence before Table 68 from "The DSP data type 1 selection
bits select the type of data to be included in the SNSDATA0_L and SNSDATA0_H registers." to
"The DSP data type 1 selection bits select the type of data to be included in the SNSDATA1_L and
SNSDATA1_H registers."
FXPS7115D4 v.5
20220224
Product data sheet
—
FXPS7115D4 v.4
FXPS7115D4 v.4
20200717
Product data sheet
—
FXPS7115D4 v.3
FXPS7115D4 v.3
20191205
Product data sheet
—
FXPS7115D4 v.2
FXPS7115D4 v.2
20190730
Product data sheet
—
FXPS7115D4 v.1
FXPS7115D4 v.1
20180816
Product data sheet
—
—
Table 108. Revision history...continued
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
69 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com