Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
5Fh
CRC_UF2
LOCK_UF2
0
0
0
CRC_UF2[3:0]
Factory Default
0
0
0
0
0
0
0
0
AFh
CRC_F_A
LOCK_F_A
REGA_BLOCKID[2:0]
CRC_F_A[3:0]
Factory Default
1
0
0
1
varies
BFh
CRC_F_B
LOCK_F_B
REGB_BLOCKID[2:0]
CRC_F_B[3:0]
Factory Default
1
0
1
0
varies
CFh
CRC_F_C
LOCK_F_C
REGC_BLOCKID[2:0]
CRC_F_C[3:0]
Factory Default
1
0
1
1
varies
DFh
CRC_F_D
LOCK_F_D
REGD_BLOCKID[2:0]
CRC_F_D[3:0]
Factory Default
1
1
0
1
varies
EFh
CRC_F_E
LOCK_F_E
REGE_BLOCKID[2:0]
CRC_F_E[3:0]
Factory Default
0
0
0
0
0
0
0
0
FFh
CRC_F_F
LOCK_F_F
REGF_BLOCKID[2:0]
CRC_F_F[3:0]
Factory Default
0
0
0
0
0
0
0
0
Table 101. Lock and CRC Register bit definitions
7.7.31 Reserved registers
A register read command to a reserved register or a register with reserved bits results in
a valid response. The data for reserved bits may be '0' or '1'.
A register write command to a reserved register or a register with reserved bits executes
and results in a valid response. The data for the reserved bits may be '0' or '1'. A write to
the reserved bits must always be '0' for normal device operation and performance.
7.7.32 Invalid register addresses
A register read command to a register address outside the addresses listed in
Section 7.6 "User-accessible data array" results in a valid response. The data for the
registers are '00h'.
A register write command to a register address outside the addresses listed in
Section 7.6 "User-accessible data array" is not executable, but results in a valid
response. The data for the registers are '00h'.
A register write command to a read-only register is not executable, but results in a valid
response. The data for the registers is the current content of the registers.
7.8 Read/write register array CRC verification
The writable registers (all registers except for the DEVLOCK_WR register) are verified by
a continuous 4-bit CRC that is calculated on the entire array once ENDINIT is set. The
CRC verification uses a generator polynomial of g(x) = X4 + X3 + 1, with a seed value =
'0000'.
8 Maximum ratings
Absolute maximum ratings are the limits that the device can be exposed to without
permanently damaging it. Absolute maximum ratings are stress ratings only; functional
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
53 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com