Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 56Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 57Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 58Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 59Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 60Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 61Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 62Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
VCC_min ≤ (VCC – VSS) ≤ VCC_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tST_FP_Resp
Fixed pattern response time: self-test
activation/deactivation
[4] —
—
100
μs
fPackage
Package resonance frequency
[4] 27.1
—
—
kHz
Supply and support circuitry
tVCC_POR
VCC = VCCMIN to POR
release
[2] —
—
1
ms
tPOR_I2C/POR_SPI
POR to first I2C/SPI
command
[4] 0.800
—
1
ms
tPOR_DataValid
POR to sensor data valid
[4] —
—
7
ms
tRANGE_DataValid
Reset recovery (all modes, excluding
VCC voltage ramp time)
DSP setting change to
sensor data valid
[2] —
—
7
ms
tSOFT_RESET_I2C
Soft reset activation time, command
complete to reset (no ACK follows)
[4] —
—
700
ns
tSOFT_RESET_SPI
Soft reset activation time, SS_B high to
reset
[4] —
—
700
ns
tCC_POR
VCC undervoltage detection delay
[4] —
—
5
μs
tUVOV_RCV
Undervoltage/overvoltage recovery
delay
[4] —
100
—
μs
fOSC
Internal oscillator period
[2] [4] 9.500
10.000
10.500
MhZ
Table 105. Dynamic characteristics...continued
[1]
Parameter verified by characterization.
[2]
Parameter verified by functional evaluation.
[3]
See Section 7.5.6, CMISO ≤ 80 pF, RMISO ≥ 10 kΩ
[4]
Functionality verified by modeling, simulation and/or design verification.
12 Media compatibility—pressure sensors only
For more information regarding media compatibility information, contact your local sales
representative.
13 Pressure sensor accuracy (drift over temperature and life)
The absolute pressure accuracy is specified in Figure 23 and Figure 24.
Figure 23 shows the absolute pressure drift over the entire specified temperature range.
The absolute pressure drift over temperature is guaranteed by production testing.
Figure 24 shows a multiplying factor that accounts for the life time drift of the pressure
sensor. The results in Figure 24 have been obtained by qualification testing to conform to
the AEC-Q100[2] (Rev-H) standards.
As an example, at room temperature, the worst case drift that the pressure sensor might
have after accounting for lifetime performance is (1 kPa × multiplying factor) = 2 kPa.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
59 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com