Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 4 Page - NXP Semiconductors

  FXPS7115D4 Datasheet HTML 1Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 2Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
6.2 Pin description
Pin
Pin name
Description
3
INT
Interrupt output
The output can be configured to be active low or active high. If unused, NXP
recommends pin 3 be unterminated. Optionally, pin 3 can be tied to VSS.
1, 16
VCC
Power supply
4, 15
VSS
Supply return (ground)
2, 12
TESTx
Test pin. NXP recommends pins 2, and 12 be unterminated. Optionally, these
pins can be tied to VSS.
5
TESTx
Test pin. NXP recommends pin 5 be tied to VCC. Optionally, this pin can be tied
to VSS.
6, 7, 14
NC
No connect
8
SS_B
Client / Device select
In I2C mode, input pin 8 must be connected to VCC with an external pull-up
resistor, as shown in the application diagram.
In SPI mode, input pin 8 provides the client select for the SPI port. An internal
pull-up device is connected to this pin.
9
SCLK/SCL
In I2C mode, input pin 9 provides the serial clock. This pin must be connected to
VCC with an external pull-up resistor, as shown in the application diagram.
In SPI mode, input pin 9 provides the serial clock. An internal pull-down device is
connected to this pin.
10
MOSI
SPI data in
In SPI mode, pin 10 functions as the serial data input to the SPI port. An internal
pull-down device is connected to this pin.
11
MISO/SDA
SPI/I2C data out
In I2C mode, pin 11 functions as the serial data input/output. Pin 11 must be
connected to VCC with an external pull-up resistor, as shown in the application
diagram.
In SPI mode, pin 11 functions as the serial data output.
13
VCCIO
I/O supply
Pin 13 must be connected to VCC, the device supply.
17
PAD
Die attach pad
Pin 17 is the die attach flag, and must be connected to VSS.
Table 3. Pin description
7 Functional description
7.1 Voltage regulators
The device derives its internal supply voltage from the VCC and VSS pins. An external
filter capacitor is required for VCC, as shown in Figure 25 and Figure 26.
A reference generator provides a reference voltage for the ΣΔ converter.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
4 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com