Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 9Page - Omron Electronics LLC H7CC-AS Datasheet HTML 10Page - Omron Electronics LLC H7CC-AS Datasheet HTML 11Page - Omron Electronics LLC H7CC-AS Datasheet HTML 12Page - Omron Electronics LLC H7CC-AS Datasheet HTML 13Page - Omron Electronics LLC H7CC-AS Datasheet HTML 14Page - Omron Electronics LLC H7CC-AS Datasheet HTML 15Page - Omron Electronics LLC H7CC-AS Datasheet HTML 16Page - Omron Electronics LLC H7CC-AS Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
H7CC-A
@
13
Connection Sockets
Front Connecting Socket
Note: Round crimp terminals cannot be used on Finger-safe Sockets. Use forked crimp terminals.
Back-connecting Sockets
Note: A Y92A-48G Terminal Cover can be used with the Socket to create a finger-safe construction.
Model
Dimensions
Terminal arrangement
and internal connections
Mounting hole
dimensions
P2CF-11
(Top View)
Note: The Socket can also
be mounted to DIN
track.
P2CF-11-E
(Finger-safe Type)
P2CF-08
Note: The Socket can also
be mounted to DIN
track.
P2CF-08-E
(Finger-safe Type)
Model
Dimensions
Terminal arrangement
and internal connections
P3GA-11
(Bottom View)
P3GA-08
(BOTTOM VIEW)
4
70 max.
50 max.
Two, 4.5-dia. holes
Eleven, M3.5
× 7.5
sems screws
7.8
31.2 max.
4.5
3
35.4
8
7
6
5
10
11
1
2
9
3
4
40±0.2
Two, M4 or 4.5-dia. holes
10
11
12
7
86
5
3
4
9
P2CF-11-E
10A250VAC
RESISTIVE
4
40±0.2
7.8
30
4.5
35.4
1.2
3
5
70 max.
50 max.
Two, 4.5-dia. holes
Eleven, M3.5
× 7.5
set screws
31.2 max.
4
70 max.
7.8
20.3 max.
4.5
3
50 max.
35.4
Eight, M3.5
× 7.5
Two, 4.5-dia.
holes
6
5
4
3
7
8
1
2
(Top View)
40±0.2
Two, M4 or 4.5-dia. holes
12
78
4
65
3
P2CF-08-E
10A250VAC
RESISTIVE
4
7.8
21.5 max.
20.3
19
4.5
35.4
1.3
3
5
40±0.2
70 max.
50 max.
Eight, M3.5
× 7.5
Two, 4.5-dia.
holes
27 dia.
4.5
16.3
6.2
25.6
45
45
8
7
6
4
3
9
5
10
11
1
2
4.9
17
45
45
27 dia.
4
3
5 6
1
2
8 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com