Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 39Page - Omron Electronics LLC H7CC-AS Datasheet HTML 40Page - Omron Electronics LLC H7CC-AS Datasheet HTML 41Page - Omron Electronics LLC H7CC-AS Datasheet HTML 42Page - Omron Electronics LLC H7CC-AS Datasheet HTML 43Page - Omron Electronics LLC H7CC-AS Datasheet HTML 44Page - Omron Electronics LLC H7CC-AS Datasheet HTML 45Page - Omron Electronics LLC H7CC-AS Datasheet HTML 46Page - Omron Electronics LLC H7CC-AS Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
H7CC-R
@
43
Characteristics
I/O Functions
* Refer to page 59 for details on the hold function.
Inputs
Count, count 1,
count 2
Reads counting signals.
Hold
• Holds the measurement value and outputs.
• The hold indicator is lit during hold.
*
Outputs
OUT, OUT1, OUT2
Outputs signals according to the specified output
mode when a comparison value is reached.
* See Life-test Curve (Reference Values) on the right.
Applicable Standards
*1. The following safety standards apply to the H7CC-R11@.
cUL (Listing): Applicable when an OMRON P2CF(-E) Socket is used.
cUR (Recognition): Applicable when any other socket is used.
*2. Industrial electromagnetic environment (EN/IEC 61326-1 Table 2)
Insulation resistance
100 M
Ω min. (at 500 VDC) between current-carrying terminal and exposed non-
current-carrying metal parts, and between non-continuous contacts
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and non-current-
carrying metal parts
2,000 VAC (for 100 to 240 VAC), 50/60 Hz for 1 min between power supply and input
circuit (1,500 VAC for 24 VAC/12 to 48 VDC)
2,000 VAC 50/60 Hz for 1 min between control output, power supply, and input circuit
1,000 VAC, 50/60 Hz for 1 min between non-continuous contacts
Impulse withstand voltage
6.0 kV (between power terminals) for 100 to 240 VAC, 1.0 kV for 24 VAC/12 to 48 VDC
6.0 kV (between current-carrying terminal and exposed non-current-carrying metal
parts) for 100 to 240 VAC, 1.5 kV for 24 VAC/12 to 48 VDC
Static immunity
Destruction: 15 kV, Malfunction: 8 kV
Vibration
resistance
Destruction
10 to 55 Hz with 0.75-mm single amplitude, each in three directions for 2 hours
Malfunction
10 to 55 Hz with 0.35-mm single amplitude, each in three directions for 10 min
Shock re-
sistance
Destruction
300m/s2 each in three directions, three cycles
Malfunction
100m/s2 each in three directions, three cycles
Life expectancy
Mechanical: 10,000,000 operations min.
Electrical: 100,000 operations min. (3 A at 250 VAC, resistive load, ambient
temperature condition: 23
°C) *
Weight
Approx. 100 g (Tachometer only)
Approved
safety
standards
cULus (or cURus): UL508/CSA C22.2 No. 14
*1
Conforms to EN 61010-1 (IEC 61010-1): Pollution degree 2/overvoltage category II, EAC, RCM,
B300 PILOT DUTY, 1/4 HP 120 VAC, 1/3 HP, 240 VAC, 3-A, 250 VAC/30 VDC resistive load
VDE0106/part100
EMC
(EMI)
Emission Enclosure:
Emission AC mains:
(EMS)
Immunity ESD:
Immunity RF-interference:
Immunity Conducted Disturbance:
Immunity Burst:
Immunity Surge:
Immunity Voltage Dip/Interruption:
EN61326-1
*2
EN55011 Group 1 classA
EN55011 Group 1 classA
EN61326-1
*2
EN61000-4-2: 4 kV contact discharge (level 2);
8 kV air discharge (level 3)
EN61000-4-3: 10 V/m (Amplitude-modulated, 80 MHz to 1 GHz)
3 V/m (Amplitude-modulated, 1.4 G to 2 GHz)
1 V/m (Amplitude-modulated, 2 G to 2.7 GHz)
10 V/m (Pulse-modulated, 900 MHz ±5 MHz)
EN61000-4-6: 10 V (0.15 to 80 MHz) (level 3)
EN61000-4-4: 2 kV power-line (level 3);
1 kV I/O signal-line (level 4)
EN61000-4-5: 1 kV line to lines (power and output lines) (level 2);
2 kV line to ground (power and output lines) (level 3)
EN61000-4-11: Voltage Dip
1 cycle, 100%(rated voltage)
10/12 cycle, 60%(rated voltage)
25/30 cycle, 30%(rated voltage)
Interruption
250/300 cycle, 100%(rated voltage)
Life-test Curve
(Reference Values)
Resistive Load
Inductive Load
A current of 0.15 A max. can be switched at
125 VDC (cos
φ=1) (Life expectancy: 100,000
operations)
A current of 0.1 A max. can be switched if
L/R=7 ms.
(Life expectancy: 100,000 operations)
1,000
700
500
300
100
70
50
Load current (A)
01
2
3
4
30 VDC (cos
φ=1)
250 VAC (cos
φ=1)
1,000
700
500
300
100
70
50
01
2
3
4
30 VDC (L/R=7 ms)
Load current (A)
250 VAC (cos
φ=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com