Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 15Page - Omron Electronics LLC H7CC-AS Datasheet HTML 16Page - Omron Electronics LLC H7CC-AS Datasheet HTML 17Page - Omron Electronics LLC H7CC-AS Datasheet HTML 18Page - Omron Electronics LLC H7CC-AS Datasheet HTML 19Page - Omron Electronics LLC H7CC-AS Datasheet HTML 20Page - Omron Electronics LLC H7CC-AS Datasheet HTML 21Page - Omron Electronics LLC H7CC-AS Datasheet HTML 22Page - Omron Electronics LLC H7CC-AS Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
19
H7CC-A
@
Counter
Absolute Value Setting/Forecast Value Setting (setm)
For the 2 count output mode, an absolute value setting (abs) or
forecast value setting (ofst) can be set for set value 1.
If the absolute value setting is used, specify an absolute value
(deviation from 0).
If the forecast value setting is used, specify set value 1 as the forecast
set value (deviation with respect to set value 2).
The forecast output (output 1) turns ON when the present value
reaches the forecast value.
If the forecast set value is greater than or equal to the set value, the
forecast output (output 1) will turn ON as soon as counting starts.
Set Value Upper Limit (sl-h)
Set the upper limit for the set value when it is set in run mode.
The setting can be made from 1 to 999999 for 6-digit models.
Forecast Set Upper Limit (pl-h)
Set the upper limit for the forecast set value.
The setting can be made from 1 to 999999 for 6-digit models.
Batch Count Upper Limit (bl-h)
Set the upper limit for the batch count value. The setting can be made
from 1 to 999999 for 6-digit models.
Key Protect Level (kypt)
Set the key protect level.
Refer to Key Protect Level on page 40.
Output ON Count Alarm Set Value (on-a, on1a, on2a)
The output ON count for notifying the replacement time can be set.
For details, refer to page 41.
Output ON Count Monitor Value (on-c)
The monitor value is only displayed. It cannot be set.
The output ON count will be 1,000 times the displayed value.
ON Count Monitor Values for Outputs 1 and 2 (OUT1 and
OUT2) (on1c and on2c)
The monitor value for output 1 and 2 (OUT1 and OUT2) is only
displayed. It cannot be set.
The output ON count will be 1,000 times the displayed value.
Output Allocation (Settings applicable to only H7CC-
@W(U)@) (otst)
Set the allocation of outputs 1 and 2 (OUT1 and OUT2). If output
allocation is OFF, output 1 (OUT1) is allocated to terminals (12) and
(13), and output 2 (OUT2) is allocated to terminals (3), (4), and (5). If
output allocation is ON, output 1 (OUT1) is allocated to terminals (3),
(4), and (5), and output 2 (OUT2) is allocated to terminals (12) and
(13).
Output inversion (ot-i, ot1i, ot2i)
Set logical inversion of output ON/OFF. In the case of two outputs, it
is possible to individually set output inversion for each of output 1 and
output 2 (OUT1 and OUT2). If output inversion is n-o (Normally
Open), the output turns ON when the set value is reached. If output
inversion is n-c (Normally close), the output turns OFF when the set
value is reached.
Memory back up (bkvp)
Set the present value and the output state memory backup. If memory
backup is available, the present value and output state are recovered
to the state prior to power interruption. If memory backup is not
available, the present value and output state are recovered to the
reset state.
H7AN Compatibility Function (h7an)
When the present value being decremented exceeds 0, make the
setting to start counting from 999999. When this function is ON, the
value becomes 999999 after 0, and when this function is OFF, the
count is in accordance with the output mode. The H7AN Compatibility
Function is enabled only when 1-stage preset counter, 2-stage preset
counter, and total and preset counter are selected, and is displayed
in the function setting mode. It is not displayed when batch counter,
dual counter, or twin counter are selected. This function enables the
same operation when the H7AN is replaced with the H7CC.
Set value 2
Set value 1
0
Control output 1 (OUT1)
Control output 2 (OUT2)
Count value
Example: F Mode
Set value
Forecast
value
Forecast set value
0
Forecast output (OUT1)
Control output (OUT 2)
Count value
Example: F Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com