Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 37Page - Omron Electronics LLC H7CC-AS Datasheet HTML 38Page - Omron Electronics LLC H7CC-AS Datasheet HTML 39Page - Omron Electronics LLC H7CC-AS Datasheet HTML 40Page - Omron Electronics LLC H7CC-AS Datasheet HTML 41Page - Omron Electronics LLC H7CC-AS Datasheet HTML 42Page - Omron Electronics LLC H7CC-AS Datasheet HTML 43Page - Omron Electronics LLC H7CC-AS Datasheet HTML 44Page - Omron Electronics LLC H7CC-AS Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
H7CC-A
@
41
Replacement Time Notification Function
The counter includes parts such as electrolytic capacitors and relays
that deteriorate with time or with repeated operations.
The H7CC is equipped with a function for notifying the replacement
time by the cumulative run time and ON count of the relay contact.
When either one of the deterioration of the electrolytic capacitors due
to the cumulative run time or the deterioration of the relay contact due
to the output ON count reaches the replacement time, Rplc
(REPLACE) can be displayed on the Timer. For details on RPLC
display, refer to Self-diagnosis Function on this page.
Cumulative Run Time Alarm Set Value (ot-a)
The cumulative run time can be set in a range from 0.0 to 99.9 years.
The replacement time notification function is disabled if 0 is set.
10 years is set in the default settings.
If the cumulative run time reaches the alarm set value or above, an
RPLC (replacement time) error can be displayed on the Timer.
The extent of deterioration of electrolytic capacitors varies depending
on the capacitor temperature and usage period. According to the
default settings, the ambient temperature is 35°C, the output load is
50%, and the utilization rate is 100%. If you are changing the actual
usage conditions, enter the ambient temperature, output load, and
utilization rate in the H7CC replacement time calculation tool
available on the OMRON website to calculate the appropriate
cumulative run time when the deterioration of electrolytic capacitors is
expected.
Output ON Count Alarm Set Value (on-a, on1a, on2a)
Set the alarm value for the output ON count.
The limit can be set between 0×1000 (0 times) and 9999×1000
(9,999,000 times). Only the underlined values are set. The alarm will
be disabled if 0 is set.
100,000 times is set in the default settings.
If the total output ON count reaches the alarm set value or above, an
RPLC (replacement time) error can be displayed on the Timer.
Self-diagnostic Function
The following displays will appear if an error occurs.
*1. This includes times when the life of the non-volatile memory has expired.
*2. This occurs if the present value or total count value falls below −99999.
*3. This occurs in the following conditions if the present value (i.e., measurement value) exceeds 999999.
• For Output Modes K-2, D, L, or H
• Dual counter or tachometer operation is used.
*4. Display flashes.(1-second cycles)
*5. This does not apply when tachometer operation is used.
*6. This is displayed if the alarm value setting for either of the two outputs is exceeded if a model with two outputs is used.The total ON count will
not be cleared by reset operation.
*7. The normal display and Rplc will appear alternately.
When reset operation is performed, Rplc will not be displayed even if the alarm set value is exceeded.
(Monitoring is possible, however, because the counter will continue without the cumulative run time and output ON count being cleared.)
Rplc is displayed again if the power is turned OFF/ON after the Rplc display is cleared during recovery by the reset operation. If you do not
want to display Rplc when the power is turned OFF/ON, either change the alarm set value to the present value or above, or change the alarm
set value to 0 to disable it.
Main display
Sub-display
Description
Output status
Correction method
Set value after
reset
----- *4
No change
Present value underflow
*2
No change
Either perform reset operation or
turn ON reset input.
No change
fffff *4
No change
Present value overflow
*3
No change
Either perform reset operation or
turn ON reset input.
*5
No change
e1
Not lit
CPU error
OFF
Either perform reset operation or
reset the power supply.
No change
e2
Not lit
Memory error (RAM)
OFF
Turn ON the power again.
No change
e2
sum
Memory error (non-volatile memory)
*1
OFF
Reset operation
Factory setting
Rplc *7
No change
The cumulative run time or output ON
count reaches the replacement time
No change
Reset operation
*6
No change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com