Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 42Page - Omron Electronics LLC H7CC-AS Datasheet HTML 43Page - Omron Electronics LLC H7CC-AS Datasheet HTML 44Page - Omron Electronics LLC H7CC-AS Datasheet HTML 45Page - Omron Electronics LLC H7CC-AS Datasheet HTML 46Page - Omron Electronics LLC H7CC-AS Datasheet HTML 47Page - Omron Electronics LLC H7CC-AS Datasheet HTML 48Page - Omron Electronics LLC H7CC-AS Datasheet HTML 49Page - Omron Electronics LLC H7CC-AS Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
H7CC-R
@
46
Nomenclature
1
9
2
3
6
7
8
4
5
10
11
ON
(Enable)
(Factory setting) OFF
(Disable)
10 mm
6 mm
7. Up Keys (UP1 to UP6)
11. Status indicator
9. Hold Operation (UP6+DW6)
8. Down Keys (DW1 to DW6)
<When Run mode is not selected.>
· When the indicator display mode is ON
If "Upper and lower limit" or "Area" is selected in
the tachometer output mode, the ratio of the
measurement value to the comparison value is
displayed from 0 to 100%.
· When the indicator display mode is all off or all lit
All off or all lit display.
Note. When you press the Up Key or the Down Key,
the indicator display or all-lit display goes off,
and the pressed key lights up or blinks.
<When Function Setting Mode is not selected>
· The keys that can be set light up for notification.
(UP1, 2, 3, 4, 5, 6 from right to left)
(DW1, 2, 3, 4, 5, 6 from right to left)
(The hold operation is enabled by pressing and
holding the keys for 1 second or longer. When the
keys are pressed simultaneously, all status
indicators start blinking. The hold operation is
disabled if the keys are released within 1 second.)
To perform the hold operation, firmly press and hold
both UP6 and DW6. If you press only UP6 or DW6,
the set value will change.
10. Mode Operation (UP1+UP3 or DW1+DW3)
(Changes modes and setting items. Press and hold
the keys for 2 seconds or longer to move to the
function setting mode. When the keys are pressed
simultaneously, the status indicators on UP1 (DW1)
and UP3 (DW3) start blinking. The mode operation is
disabled if the keys are released within 2 seconds.)
Operation Keys
12. Key-protect Switch
Switches
1. Hold Indicator (yellow)
2. Key Protect Indicator (yellow)
3. Control Output Indicator (yellow)
4. Comparison Value 1, 2 Stage Indicator
(1-output models)
(2-output models)
Lit when the key protect switch is ON.
(Lit when hold operation is performed. )
5. Present Value (Main Display)
Character height: 10 mm (white)
6. Comparison Value (Sub-display)
Character height: 6 mm (green)
Display Section
Character Size
for Sub-display
Character Size
for Main Display
OUT
OUT
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com