Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 19Page - Omron Electronics LLC H7CC-AS Datasheet HTML 20Page - Omron Electronics LLC H7CC-AS Datasheet HTML 21Page - Omron Electronics LLC H7CC-AS Datasheet HTML 22Page - Omron Electronics LLC H7CC-AS Datasheet HTML 23Page - Omron Electronics LLC H7CC-AS Datasheet HTML 24Page - Omron Electronics LLC H7CC-AS Datasheet HTML 25Page - Omron Electronics LLC H7CC-AS Datasheet HTML 26Page - Omron Electronics LLC H7CC-AS Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
23
H7CC-A
@
Counter
Note: 1. If the configuration selection is set to dual counter, CP1 and CP2 input will operate in the same way as the count input (CP1) of UP
(increment) mode.
2.
must be greater than the minimum signal width and
must be at least 1/2 the minimum signal width.
If they are less, a count error of
±1 may occur.
3. Minimum signal width: 16.7 ms (when maximum counting speed = 30 Hz)
100 µs (when maximum counting speed = 5 kHz)
4. The meaning of the H and L symbols in the tables is explained below.
UP/DOWN A Command Input Mode
UP/DOWN B Individual Input Mode
must be greater than the minimum signal width. (See note 2.)
UP/DOWN C Quadrature Input Mode
UP/DOWN D Command Input Mode
must be at least 1/2 the minimum signal width. (See note 2.)
must be at least 1/2 the minimum signal width. (See note 2.)
UP/DOWN E Individual Input Mode
UP/DOWN F Quadrature Input Mode
must be at least 1/2 the minimum signal width. (See note 2.)
0
CP1
H
L
CP2
Present value
H
L
0
1
2
2
2
1
3
3
A
A
A
0
CP1
H
L
CP2
Present value
H
L
0
1
2
2
2
11
3
3
0
CP1
H
L
CP2
Present value
H
L
0
1
2
2
2
1
3
3
B B B B
B
n
CP1
ON
OFF
CP2
ON
OFF
n-1
n-2
n-2
n-2
n-1
n-3
n-3
C
C
Present value
C
n
n-1
n-2
n-2
n-2
n-1
n-1
n-3
n-3
CP1
ON
OFF
CP2
Present value
ON
OFF
n-1
n
n-2
n-2
n-2
n-1
n-3
n-3
D
CP1
ON
OFF
CP2
ON
OFF
Present value
D
A
B
Input method
Symbol
No-voltage input
(NPN input)
Voltage input
(PNP input)
H
Short-circuit
4.5 to 30 VDC
L
Open
0 to 2 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com