Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-AS Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 35Page - Omron Electronics LLC H7CC-AS Datasheet HTML 36Page - Omron Electronics LLC H7CC-AS Datasheet HTML 37Page - Omron Electronics LLC H7CC-AS Datasheet HTML 38Page - Omron Electronics LLC H7CC-AS Datasheet HTML 39Page - Omron Electronics LLC H7CC-AS Datasheet HTML 40Page - Omron Electronics LLC H7CC-AS Datasheet HTML 41Page - Omron Electronics LLC H7CC-AS Datasheet HTML 42Page - Omron Electronics LLC H7CC-AS Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
H7CC-A
@
39
Switching between Preset Counter, Total and Preset Counter, Batch Counter,
Dual Counter, Twin Counter, and Tachometer Operation
Select which H7CC configuration is used (i.e., preset counter, total and preset counter, batch counter, dual counter, twin counter, or tachometer)
in configuration selection mode.
Hold Function
The measurement value (display value) and output are sustained while the hold input is ON.
Note: The output will maintain the current status when hold operation is performed.
Example:
Output mode setting
Operation
Lower limit
Select the function using the UP1 Key (DW1 Key) .
Note: The modes that can be selected depend on the model. (Refer to the Table.)
bcnt
dcnt
taco
twn
1cnt
2cnt
tcnt
1cnt
func
H7CC-AW
H7CC-AU
UP1+UP6
or
DW1+DW6
(Press and hold
for 2 s)
*1 When the mode is changed to configuration selection mode, the present value is reset, outputs turn OFF, and counting (measuring) stops.
*2 Setting changes made in configuration selection mode are enabled when the mode is changed to run mode. If the configuration is changed, the
set value (or set value 1 and set value 2), comparison value 1 and comparison value 2 are initialized.
Power ON
Configuration
selection
Note
Note: At the time of delivery
*, the H7CC is set to the 1-stage preset counter configuration
or 2-stage preset counter configuration.
*1
*2
Model
Default mode
2-stage preset counter
1-stage preset counter
1-stage preset counter
* Table Default Modes and Selectable Functions
Any mode
Any mode
Other models
1-stage preset or
total preset counter only
Selectable mode
To shift to the configuration selection mode,
press UP1+UP6 or DW1+DW6 for 2 seconds or longer.
(1-stage
preset
counter)
(2-stage
preset
counter)
(Total and
preset counter)
(Batch
counter)
(Dual
counter)
(Twin
counter)
(Tachometer)
OUT
Display value
Hold input
* (hold operation)
Comparison value (lower limit)
Sustained display value
Sustained output
Actual input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com