Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PCLT-2AT4 Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1 Characteristics
PCLT-2A
6/18
1.8
DC electrical characteristics
(TJ = 25 °C, VCC = 24 V, RREF = 10 kΩ RC = 2.2 kΩ and referred to COM pin voltage, unless
otherwise specified)
Symbol
Pin
Name
Conditions
Min
Typ
Max
Unit
Current limitation
ILIM
IN
Input limiting current
VIN = 4.5 to 26 V
VOUT = 0.9 to 1.5 V
VLED = 1.5 to 2.5 V
TAMB =-25 to 85 °C
RREF = 10 kΩ
6.1
7.6
8.8
mA
ILIM
IN
Input limiting current
VIN = 5.5 to 26 V
VOUT = 0.9 to 1.5 V
VLED = 1.5 to 2.5 V
TAMB =-25 to 85 °C
RREF = 22 kΩ
2.8
3.6
4.3
mA
VLOW
IN
Low current input voltage
IIN = 100 µA
1.5
3
V
Current limiter activation
voltage
IIN=6 mA
-2.6
-
V
IIN=2 mA, RREF=22 kΩ
-2.3
-
V
Input & Supply Protection
VCL
IN, VC
Clamping voltage
IIN = 7 mA, tP = 1 ms, RREF open
31
38
-
V
Output interface operation
IOFF
OUT
LED
Off state output current
VMOD = 0 V, VI = 5 V, (Note 1)
-10
40
µA
VMOD = 0 V, IIN=2 mA, (Note 2)
-10
40
µA
VOFF
LED
Off state LED voltage
IIN = 2 mA
0.1
0.2
V
VOFF
OUT
Off state output voltage
VMOD = 0 V, IIN = 2 mA
0.02
0.1
V
VMOD > 2.9 V, IIN = 2 mA
20 %
VMOD
V
ION
OUT
On state opto-coupler
current
VMOD = 0 V, VOUT = 1.5 V
VIN =4.5 V
1.5
2
mA
VMOD = 0 V, VIN = 5.5 V,
RREF = 22 kΩ , VOUT = 1.5 V
0.5
0.9
mA
VON
OUT
On state output voltage
VMOD > 2.9 V
RREF = 10 kΩ , VIN > 4.5 V
RREF = 22 kΩ VIN > 5.5 V
80%.
VMOD
ION
LED
On state LED current
VIN = 4.5 V, VLED = 2.5 V (Note 3)
3.5
4.4
mA
VIN = 5.5 V, RREF = 22 kΩ
VLED = 2.5 V
1.4
2.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com