Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 2 Page - STMicroelectronics

  PCLT-2AT4 Datasheet HTML 1Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1 Characteristics
PCLT-2A
2/18
1
Characteristics
1.1
IEC61000-4 standard compliance application diagrams
Figure 1.
Isolated digital input diagram with opto-coupler driving output
Figure 2.
Un-isolated digital input diagram with programmable CMOS output
PCLT-2A
3 wires sensor
2 wires sensor
R
I
R
I
R
C
V
IN
V
I
V
CC
V
C
R
REF
Reverse polarity
1N4007
C
I
C
I
C
C
IN
1
COM
P
IN
2
V
C
REF
OUT
1
OUT
2
COM
S
LED
2
LED
1
MOD
PCLT-2A
3 wires sensor
2 wires sensor
R
I
R
I
R
C
V
IN
V
I
V
CC
V
C
R
REF
Reverse polarity
1N4007
C
I
C
I
C
C
IN
1
COM
P
IN
2
V
C
REF
OUT
1
OUT
2
COM
S
LED
2
LED
1
MOD
IN
1
COM
P
IN
2
V
C
REF
OUT
1
OUT
2
COM
S
LED
2
LED
1
MOD
VSS
VDD
IN2
IN1
BUS
CONTROLLER
VDD
GND
VCC
5V
SUPPLY
Supply voltage
protection
SM15T39
3 wires sensor
2 wires sensor
RI
RI
RC
VIN
VI
VCC
VC
RREF
CI
CI
CC
Reverse polarity
1N4007
IN1
COMP
IN2
OUT1
OUT2
COMS
LED2
LED1
VC
REF
MOD
PCLT-2A
VSS
VDD
IN2
IN1
BUS
CONTROLLER
VDD
GND
VCC
5V
SUPPLY
VSS
VDD
IN2
IN1
BUS
CONTROLLER
VDD
GND
VCC
5V
SUPPLY
Supply voltage
protection
SM15T39
3 wires sensor
2 wires sensor
RI
RI
RC
VIN
VI
VCC
VC
RREF
CI
CI
CC
Reverse polarity
1N4007
Supply voltage
protection
SM15T39
3 wires sensor
2 wires sensor
RI
RI
RC
VIN
VI
VCC
VC
RREF
CI
CI
CC
Reverse polarity
1N4007
IN1
COMP
IN2
OUT1
OUT2
COMS
LED2
LED1
VC
REF
MOD
PCLT-2A
IN1
COMP
IN2
OUT1
OUT2
COMS
LED2
LED1
VC
REF
MOD
PCLT-2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com