Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 4 Page - STMicroelectronics

  PCLT-2AT4 Datasheet HTML 1Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1 Characteristics
PCLT-2A
4/18
1.4
Absolute ratings
1.5
Recommended operating conditions
Note: 1 VI = VIN + VF + RI x IIN with VIN = voltage at the PCLT-2A input pin; VCC = VC + RC x ICC with
VC = voltage at the PCLT-2A power supply pin.
2 Respect to the reverse polarity test of one input as shown on Figure 12.
Symbol
Pin
Parameter name & conditions
Value
Unit
VCC
VC
Power supply steady state voltage, RC = 2.2 kΩ
- 0.3 to 35
V
VC
VC
Supply steady state voltage, RC = 0 kΩ
- 0.3 to 30
V
VIN
IN
Input steady state voltage, RI = 0 kΩ
- 0.3 to 30
V
VI (Note: 1)
IN
Input steady state voltage, RI = 750 Ω
-30 to 32
V
Input repetitive pulse voltage, RI = 750 Ω
-30 to 35
V
IIN
IN
Input maximum forward current
RI = 750 Ω RC = 2.2 kΩ
10
mA
Input maximum reverse current
RI = 750 Ω RC = 2.2 kΩ (Note 2)
20
mA
VMOD
MOD
Maximum applied CMOS supply voltage
14
V
VOM
OUT, LED
Maximum applied output voltage, VMOD < 0.75 V
2.5
V
Maximum applied output voltage, VMOD > 2.9 V
14
V
IOM
OUT, LED
Output driver current
- 4 to 7
mA
TJ
ALL
Junction temperature range
- 25 to 150
°C
Symbol
Pin
Parameter name & conditions
Value
Unit
VCC
VC
Power supply steady state voltage, RC = 2.2 kΩ
19 to 35
V
VC
VC
Power supply voltage range
14 to 27
V
VI (Note1)
IN
Input repetitive pulse voltage
RI = 750 Ω RC = 2.2 kΩ
- 30 to 30
V
VMOD
MOD
Operating CMOS mode voltage range
2.9 to 5.5
V
Maximum operating 12V Analog voltage
13.5
V
TAMB
ALL
Operating Ambient temperature range
- 25 to 85
°C
TJ
Operating Junction temperature range
- 25 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com