Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 1 Page - STMicroelectronics

  PCLT-2AT4 Datasheet HTML 1Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev 1
November 2005
1/18
18
PCLT-2A
Dual current limited over-voltage protected digital termination
Applications
■ Type 1, 2 and 3 logic input termination for
industrial automation
■ AS-Interface bus input termination
■ I/O termination in programmable logic
controller
■ Proximity detector interface
■ Decentralized Input / Output modules
Features
■ 2 channel topology
– Low side input with common ground
■ Wide range input DC Voltage:
–VI = - 0.3 to 30 V with RI = 0 Ω
–VI = - 30 to 35 V with RI = 750 Ω
■ Current limiter:
– 3 to 7.5 mA programmable reference
–ILIM = 6.1 mA to 8.8 mA with RREF = 10 kΩ
–ILIM = 2.8 mA to 4.3 mA with RREF = 22 kΩ
– Narrow limiter spread: < 17 %
– Temperature compensated operation
■ Output drive:
– No output activation below 2 mA input
current
– 1.5 mA minimum output activating current
in opto-coupler mode
– Programmable CMOS output mode option
(VMOD > 2.9 V)
■ LED drive for sensor status: 4.4 mA typical with
RREF = 10 kΩ
■ Input protection (RI = 750 Ω CIN = 22 nF)
■ IEC61000-4-2 electrostatic discharge ESD,
Level 4
– In contact, ± 8 kV; in air, ± 15 kV
– Criteria B: temporary disruption
■ IEC61000-4-5 voltage surge, Level 3
– ± 500 V with 42
Ω series resistor in
differential mode
– Criteria B: temporary disruption
■ IEC61000-4-4 transient burst immunity
– ± 4 kV peak voltage; 5 kHz repetitive rate
– Criteria A: fully functional
■ IEC61000-4-6 conducted Radio Frequency
Interference immunity
–10 VRMS voltage
– Criteria A: fully functional
■ Input protection against -30 V reverse polarity
■ Ambient temperature: -25 to 85 °C
Benefits
■ Enable input to meet type1, 2 and 3
characteristics of IEC61131-2 standard
■ Compatible operation with 2 & 3 wires
proximity sensor according EN60947-5-2
standard
■ Flexible configuration driving either opto
coupler, or CMOS bus controller input, or 12 V
AS-interface network
■ Reduced overall dissipation
■ Enhanced functional reliability
■ Compact with high integration
■ Surface Mount Package for highly automated
assembly
■ Insensitive to the on state sensor impedance
TSSOP14
Exposed pad
www.st.com


Similar Part No. - PCLT-2AT4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCLTA-21 ETC2-PCLTA-21 Datasheet
459Kb / 3P
PCLTA-21 PCI Network Adapter
More results

Similar Description - PCLT-2AT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
09-May-2005
CLT3-4BT6 STMICROELECTRONICS-CLT3-4BT6 Datasheet
99Kb / 10P
CURRENT LIMITED OVER-VOLTAGE PROTECTED QUAD DIGITAL TERMINATION
Aug-2002
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
CLT3-4B STMICROELECTRONICS-CLT3-4B_07 Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
CLT3-4B STMICROELECTRONICS-CLT3-4B Datasheet
191Kb / 13P
Current limited over-voltage protected quad digital termination
27-Nov-2007
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
High speed protected digital termination array
23-Apr-2013
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
Infineon Technologies A...
AUIRS2127S INFINEON-AUIRS2127S Datasheet
1Mb / 24P
Over Current Protected Single Channel Driver
June 12th, 2012
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
Load Switch IC with Over current limited function
2022-06-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com