Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 10Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 11Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 12Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 13Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 14Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PCLT-2A
3 Surge voltage test circuit
11/18
2.3
ON state
When the module input voltage VI, including the 750 Ω input resistor and the reverse diode, is
higher than 11V corresponding to a PCLT input voltage VIN of 5V, both LED and output circuits
are in ON state. The input current is then shared between the internal circuitry, the LED (about
60 %), and the driver output (about 30 %) in case of opto-coupler mode.
In CMOS mode, the CMOS level is defined by the VMOD voltage that is equal the supply voltage
VDD of the bus controller: it can be 3.3 V or 5 V. The output voltage is delivering 80 % of VDD for
high state and 20 % VDD for low state.
When no LED diode is used, the LED outputs pin must be connected to the ground COMP of
the circuit to allow the current to flow back to the power supply.
3
Surge voltage test circuit
The input and supply pins are designed to withstand electromagnetic interferences. They are
protected by a clamping diode that is connected to the common pin COM. Combined with the
serial input resistance RI, this clamping diode is effective against the fast transient bursts (±4
kV, IEC61000-4-4) and the voltage surges (±1 kV,IEC61000-4-5).
This topology allows the surge voltage to be applied from each input to other inputs, the ground
and the supply contacts in differential or common modes (see figure 10).
Thanks to its high resistance RC = 2.2 kΩ and the conventional power supply protection that
uses a clamping diode such as the SM15T39C Transil™, the supply pin VC withstands ±1000 V
surge voltage according to IEC61000-4-5 (see figure 11).
TM: Transil is a trademark of STMicroelectronics
Figure 10. Input pin IN voltage surge test
circuit
Figure 11. Supply pin VC voltage surge test
circuit
R
I
IN
1
R
I
IN
2
R
I
R
C
V
C
COM
P
V
CC
GND
PE/FE
PCLT-2
I
V
PP
V
PP
5nF
V
PP
V
PP
R
I
IN
1
R
I
IN
2
R
I
R
C
V
C
COM
P
V
CC
GND
PE/FE
PCLT-2
I
V
PP
V
PP
5nF
V
PP =
±500 V with 42
Ω
V
PP
V
PP
±1 kV
42
Ω
R
I
IN
1
R
I
IN
2
R
C
V
C
COM
V
CC
GND
PE/FE
PCLT-2
5nF
SM15T39C
±1kV
2
Ω
42
R
I
IN
1
R
I
IN
2
R
C
V
C
COM
V
CC
GND
PE/FE
PCLT-2
5nF
SM15T39C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com