Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 10Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PCLT-2A
1 Characteristics
7/18
Note: 1 According to application diagram ( Figure 1) with the use of a RI = 750 Ω resistor a reverse
diode from COM to GND (VF = 0.7 V) and an opto-coupler (RLED (0V) = 15 kΩ , VF=1.2 V).
2 Same as note 1 above, but RI= 0 .
3 When no LED diode is used, connect LED pin to the COMP ground.
1.9
Switching electrical characteristics
(TJ=25°C, VCC = 24 V, RC = 2.2kΩ, CI = 0 and COM pin voltage referred unless otherwise
specified)
Output operation selection circuit
VTH MOD
MOD
Opto-CMOS threshold
0.75
2.9
V
I OUT
OUT
CMOS output current
VMOD = 12V
35
50
65
µA
Power supply circuit
IC
VC
Supply current
VCC = 30V
1.5
2
mA
IDD
MOD
CMOS supply current
VMOD = 5V, VIN open
0.25
0.35
mA
VMOD = 12V, VIN open
0.4
0.8
mA
Symbol
Pin
Name
Conditions
Min
Typ
Max
Unit
FMAX
IN-OUT
Input to output operating frequency
Duty cycle = 50%
5
kHz
TPLH
IN-OUT
Input Lo to Hi propagation time
CI = 0
16
µs
TPHL
IN-OUT
Input Hi to Lo propagation time
CI = 0, VMOD = 0 V
0.1
µs
CI = 0, VMOD = 5 V
COUT = 50 pF
7.6
Symbol
Pin
Name
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com