Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCLT-2AT4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PCLT-2AT4
Description  Dual current limited over-voltage protected digital termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PCLT-2AT4 Datasheet(HTML) 3 Page - STMicroelectronics

  PCLT-2AT4 Datasheet HTML 1Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 2Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 3Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 4Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 5Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 6Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 7Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 8Page - STMicroelectronics PCLT-2AT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PCLT-2A
1 Characteristics
3/18
1.2
PCLT-2A Pinout and current limited termination block diagram
1.3
Static characteristic of a type-2 digital input using PCLT-2A
Figure 3.
Pinout
Figure 4.
Termination block diagram
OUT
1
OUT
2
MOD
LED
1
COM
S
COM
S
LED
2
1
2
3
4
5
6
78
9
10
11
12
13
14
IN
1
IN
2
REF
V
C
COM
P
COM
P
N.C.
N.C.: Not Connected
OUT
1
OUT
2
MOD
LED
1
COM
S
COM
S
LED
2
OUT
1
OUT
2
MOD
LED
1
COM
S
COM
S
LED
2
1
2
3
4
5
6
78
9
10
11
12
13
14
1
2
3
4
5
6
78
9
10
11
12
13
14
IN
1
IN
2
REF
V
C
COM
P
COM
P
N.C.
IN
1
IN
2
REF
V
C
COM
P
COM
P
N.C.
N.C.: Not Connected
COM
S
OUT
1
LED
1
OUT
2
LED
2
MOD
COM
P
IN
1
IN
2
V
C
REF
CURRENT
REFERENCE
CHANNEL #2
CHANNEL #1
BIASING
CIRCUIT
CURRENT LIMITER I
LIM
60% . I
LIM
10% . I
LIM
30% . I
LIM
OUTPUT INTERFACE
LO
OPTO
CMOS
IN
1
LO
V
MOD
EN
LO
EN
50µA
V
CC
2mA 5V
COM
S
OUT
1
LED
1
OUT
2
LED
2
MOD
COM
S
OUT
1
LED
1
OUT
2
LED
2
MOD
COM
P
IN
1
IN
2
V
C
REF
COM
P
IN
1
IN
2
V
C
REF
CURRENT
REFERENCE
CURRENT
REFERENCE
CHANNEL #2
CHANNEL #2
CHANNEL #1
BIASING
CIRCUIT
CURRENT LIMITER I
LIM
OUTPUT INTERFACE
LO
OPTO
CMOS
IN
1
LO
V
MOD
1.4 V
VDD
EN
LO
EN
50µA
V
CC
2mA 5V
V
F = 0.7V; R I = 750W
V
I =V IN +V F + RI x IIN
0
5
10
15
20
25
30
02
6
I
IN (mA)
6.1
8.5
30
ON
OFF
11
R
I
D
2
11
30
V
F = 0.7V; R I = 750W
V
I =V IN +V F + RI x IIN
0
5
10
15
20
25
30
02
6
I
IN (mA)
6.1
8.8
30
ON
OFF
11
R
I
D
R
I
D
2
11
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com