Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 3 Page - Texas Instruments

  BQ34Z100PWR-R2 Datasheet HTML 1Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 2Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 3Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
5 Pin Configuration and Functions
1
P2
14
P3/SDA
2
VEN
13
P4/SCL
3
P1
12
P5/HDQ
4
BAT
11
P6/TS
5
CE
10
SRN
6
REGIN
9
SRP
7
REG25
8
VSS
Not to scale
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NUMBER
P2
1
O
LED 2 or Not Used (connect to VSS)
VEN
2
O
Active High Voltage Translation Enable. This signal is optionally used to switch the input voltage
divider on/off to reduce the power consumption (typ 45 µA) of the divider network. If not used,
then this pin can be left floating or tied to VSS.
P1
3
O
LED 1 or Not Used (connect to VSS). This pin is also used to drive an LED for single-LED mode.
Use a small signal N-FET (Q1) in series with the LED as shown on Figure 8-4.
BAT
4
I
Translated Battery Voltage Input
CE
5
I
Chip Enable. Internal LDO is disconnected from REGIN when driven low.
REGIN
6
P
Internal integrated LDO input. Decouple with a 0.1-µF ceramic capacitor to VSS.
REG25
7
P
2.5-V output voltage of the internal integrated LDO. Decouple with 1-µF ceramic capacitor to
VSS.
VSS
8
P
Device ground
SRP
9
I
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small
voltage between SRP and SRN where SRP is nearest the BAT– connection.
SRN
10
I
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small
voltage between SRP and SRN where SRN is nearest the PACK– connection.
P6/TS
11
I
Pack thermistor voltage sense (use a 103AT-type thermistor)
P5/HDQ
12
I/O
Open-drain HDQ Serial communication line (target). If not used, then this pin can be left floating
or tied to VSS.
P4/SCL
13
I
Target I2C serial communication clock input. Use with a 10-kΩ pullup resistor (typical). This pin is
also used for LED 4 in the four-LED mode. If not used, then this pin can be left floating or tied to
VSS.
P3/SDA
14
I/O
Open-drain target I2C serial communication data line. Use with a 10-kΩ pullup resistor (typical).
This pin is also used for LED 3 in the four-LED mode. If not used, then this pin can be left floating
or tied to VSS.
www.ti.com
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com