Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 1 Page - Texas Instruments

  BQ34Z100PWR-R2 Datasheet HTML 1Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 2Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 3Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
1 Features
• Supports Li-ion, LiFePO4, PbA, NiMH, and NiCd
chemistries
• Capacity estimation using patented Impedance
Track™ technology for batteries from 3 V to
16.7 KV
– Aging compensation
– Self-discharge compensation
• Supports battery capacities up to 7000 Ah with
standard configuration options
• Supports charge and discharge currents up to
8160 A with standard configuration options
• External NTC thermistor support
• Supports two-wire I2C and HDQ single-wire
communication interfaces with host system
• SHA-1/HMAC authentication
• One- or four-LED direct display control
• Five-LED and higher display through port
expander
• Reduced power modes (typical battery pack
operating range conditions)
– NORMAL operation: < 145-µA average
– SLEEP: < 84-µA average
– FULL SLEEP: < 30-µA average
• Package: 14-pin TSSOP
2 Applications
• Light electric vehicles
• Medical instrumentation
• Mobile radios
• Power tools
• Uninterruptible power supplies (UPS)
3 Description
The BQ34Z100-R2 device is an Impedance Track™
fuel gauge for Li-ion, PbA, NiMH, and NiCd
batteries, and works independently of battery series-
cell configurations. Batteries from 3 V to 16.7 KV
can be easily supported through an external voltage
translation circuit that is controlled automatically to
reduce system power consumption.
The BQ34Z100-R2 device provides several interface
options, including an I2C peripheral, an HDQ
peripheral, one or four direct LEDs, and an ALERT
output pin. Additionally, the BQ34Z100-R2 provides
support for an external port expander for more than
four LEDs.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
BQ34Z100-R2
TSSOP (14)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ34Z100PWR-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100PWR-G1 TI1-BQ34Z100PWR-G1 Datasheet
1Mb / 65P
Wide Range Fuel Gauge
BQ34Z100PWR-G1 TI2-BQ34Z100PWR-G1 Datasheet
2Mb / 66P
BQ34Z100-G1 Wide Range Fuel Gauge with Impedance Track™ Technology
REVISED APRIL 2021
BQ34Z100PWR-G1.B TI2-BQ34Z100PWR-G1.B Datasheet
2Mb / 66P
BQ34Z100-G1 Wide Range Fuel Gauge with Impedance Track™ Technology
REVISED APRIL 2021
BQ34Z100PWR-G1G4 TI2-BQ34Z100PWR-G1G4 Datasheet
2Mb / 66P
BQ34Z100-G1 Wide Range Fuel Gauge with Impedance Track™ Technology
REVISED APRIL 2021
BQ34Z100PWR-G1G4.B TI2-BQ34Z100PWR-G1G4.B Datasheet
2Mb / 66P
BQ34Z100-G1 Wide Range Fuel Gauge with Impedance Track™ Technology
REVISED APRIL 2021
More results

Similar Description - BQ34Z100PWR-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
System-Side Impedance Track??Fuel Gauge
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
System-Side Impedance Track??Fuel Gauge
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
System-Side Impedance Track Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com