Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ34Z100PWR-R2 Datasheet HTML 3Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 9Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 10Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
6.11 Electrical Characteristics: ADC (Temperature and Cell Measurement) Characteristics
(continued)
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Ilkg(ADC)
Input leakage current(1)
0.3
µA
(1)
Specified by design. Not tested in production.
6.12 Electrical Characteristics: Data Flash Memory Characteristics
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tDR
Data retention(1)
10
Years
Flash-programming write cycles(1)
20,000
Cycles
tWORDPROG
Word programming time(1)
2
ms
ICCPROG
Flash-write supply current(1)
5
10
mA
(1)
Specified by design. Not tested in production.
6.13 Timing Requirements: HDQ Communication
TA = –40°C to 85°C, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t(CYCH)
Cycle time, host to BQ34Z100-R2
190
μs
t(CYCD)
Cycle time, BQ34Z100-R2 to host
190
205
250
μs
t(HW1)
Host sends 1 to BQ34Z100-R2
0.5
50
μs
t(DW1)
BQ34Z100-R2 sends 1 to host
32
50
μs
t(HW0)
Host sends 0 to BQ34Z100-R2
86
145
μs
t(DW0)
BQ34Z100-R2 sends 0 to host
80
145
μs
t(RSPS)
Response time, BQ34Z100-R2 to host
190
950
μs
t(B)
Break time
190
μs
t(BR)
Break recovery time
40
μs
t(RISE)
HDQ line rising time to logic 1 (1.2 V)
950
ns
t(RST)
HDQ Reset
1.8
2.2
s
www.ti.com
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com