Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 4 Page - Texas Instruments

  BQ34Z100PWR-R2 Datasheet HTML 1Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 2Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 3Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VREGIN
Regulator Input Range
–0.3
5.5
V
VCC
Supply Voltage Range
–0.3
2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, HDQ, VEN)
–0.3
5.5
V
VBAT
Bat Input pin
–0.3
5.5
V
VI
Input Voltage range to all other pins (P1, P2, SRP, SRN)
–0.3
VCC + 0.3
V
ESD
Human-body model (HBM), BAT pin
1.5
kV
Human-body model (HBM), all other pins
2
kV
TA
Operating free-air temperature range
–40
85
°C
TF
Functional temperature range
–40
100
°C
TSTG
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
–40
100
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
TA =–40°C to 85°C; Typical Values at TA = 25°C CLDO25 = 1.0 µF, and VREGIN = 3.6 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VREGIN
Supply Voltage
No operating restrictions
2.7
4.5
V
No FLASH writes
2.45
2.7
V
CREGIN
External input capacitor for
internal LDO between REGIN
and VSS
Nominal capacitor values specified.
Recommend a 10% ceramic X5R type
capacitor located close to the device.
0.1
μF
CLDO25
External output capacitor for
internal LDO between VCC and
VSS
0.47
1
μF
ICC
NORMAL operating-mode
current
Gas Gauge in NORMAL mode,
ILOAD > Sleep Current
145
μA
ISLP
SLEEP operating-mode current
Gas Gauge in SLEEP mode,
ILOAD < Sleep Current
84
μA
ISLP+
FULLSLEEP operating-mode
current
Gas Gauge in FULL SLEEP mode,
ILOAD < Sleep Current
30
μA
VOL
Output voltage, low (SCL, SDA,
HDQ, VEN)
IOL = 3 mA
0.4
V
VOH(PP)
Output voltage, high
IOH = –1 mA
VCC – 0.5
V
VOH(OD)
Output voltage, high (SDA, SCL,
HDQ, VEN)
External pull-up resistor connected to VCC
VCC – 0.5
V
VIL
Input voltage, low
–0.3
0.6
V
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com