Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 5 Page - Texas Instruments

  BQ34Z100PWR-R2 Datasheet HTML 1Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 2Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 3Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
6.3 Recommended Operating Conditions (continued)
TA =–40°C to 85°C; Typical Values at TA = 25°C CLDO25 = 1.0 µF, and VREGIN = 3.6 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIH(OD)
Input voltage, high (SDA, SCL,
HDQ)
1.2
6
V
VA1
Input voltage range (TS)
VSS – 0.05
1
V
VA2
Input voltage range (BAT)
VSS – 0.125
5
V
VA3
Input voltage range (SRP, SRN)
VSS – 0.125
0.125
V
ILKG
Input leakage current (I/O pins)
0.3
μA
tPUCD
Power-up communication delay
250
ms
6.4 Thermal Information
THERMAL METRIC(1)
BQ34Z100-R2
UNIT
TSSOP (PW)
14 PINS
RθJA, High K
Junction-to-ambient thermal resistance
103.8
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
31.9
RθJB
Junction-to-board thermal resistance
46.6
ψJT
Junction-to-top characterization parameter
2.0
ψJB
Junction-to-board characterization parameter
45.9
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics Application
Report, SPRA953.
6.5 Electrical Characteristics: Power-On Reset
TA = –40°C to 85°C; Typical Values at TA = 25°C and VREGIN = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIT+
Positive-going battery voltage
input at REG25
2.05
2.20
2.31
V
VHYS
Power-on reset hysteresis
45
115
185
mV
6.6 Electrical Characteristics: LDO Regulator
TA = 25°C, CLDO25 = 1.0 µF, VREGIN = 3.6 V (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VREG25
Regulator output
voltage
2.7 V ≤ VREGIN ≤ 4.5 V,
IOUT ≤ 16 mA
TA= –40°C to 85°C
2.3
2.5
2.7
V
2.45 V ≤ VREGIN < 2.7 V
(low battery), IOUT ≤ 3 mA
TA = –40°C to 85°C
2.3
ISHORT (2)
Short Circuit
Current Limit
VREG25 = 0 V
TA = –40°C to 85°C
250
mA
(1)
LDO output current, IOUT, is the sum of internal and external load currents.
(2)
Specified by design. Not production tested.
6.7 Electrical Characteristics: Internal Temperature Sensor Characteristics
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
GTEMP
Temperature sensor voltage gain
–2
mV/°C
www.ti.com
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com