Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ34Z100PWR-R2 Datasheet HTML 13Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 14Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 15Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 16Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 17Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 18Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 19Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 20Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
9 Power Supply Recommendations
Power supply requirements for the BQ34Z100-R2 are simplified due to the presence of the internal LDO voltage
regulation. The REGIN pin accepts any voltage level between 2.7 V and 4.5 V, which is optimum for a single-cell
Li-ion application. For higher battery voltage applications, a simple pre-regulator can be provided to power the
bq34Z100-R2 and any optional LEDs. Decoupling the REGIN pin should be done with a 0.1-µF 10% ceramic
X5R capacitor placed close to the device. While the pre-regulator circuit is not critical, special attention should be
paid to its quiescent current and power dissipation. The input voltage should handle the maximum battery stack
voltage. The output voltage can be centered within the 2.7-V to 4.5-V range as recommended for the REGIN pin.
For high stack count applications, a commercially available LDO is often the best quality solution, but comes with
a cost tradeoff. To lower the BOM cost, the following approaches are recommended.
In Figure 9-1, Q1 is used to drop the battery stack voltage to roughly 4 V to power the BQ34Z100-R2 REGIN
pin and also to feed the anode of any LEDs used in the application. To avoid unwanted quiescent current
consumption, R1 should be set as high as is practical. It is recommended to use a low-current Zener diode.
From Battery Stack +
Q1
R1
D1
5.6 V
~4 V
To REGIN/LED(s)
Figure 9-1. Q1 Dropping Battery Stack Voltage to 4 V
Alternatively, if the range of a high-voltage battery stack can be well defined, a simple source follower based on
a resistive divider can be used to lower the BOM cost and the quiescent current. For example:
From Battery Stack +
Q1
R1
R2
2.7 V ~ 4.5 V
To REGIN /LED(s)
Figure 9-2. Source Follower on a Resistive Divider
Power dissipation of the linear pre-regulator may become an important design decision when multiple LEDs
are employed in the application. For example, the BQ34Z100-R2 EVM uses a pair of FETs in parallel to
inexpensively dissipate enough power for 10-LED evaluation.
www.ti.com
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com