Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ34Z100PWR-R2 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ34Z100PWR-R2
Description  BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100PWR-R2 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ34Z100PWR-R2 Datasheet HTML 11Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 12Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 13Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 14Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 15Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 16Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 17Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 18Page - Texas Instruments BQ34Z100PWR-R2 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Step-by-Step Design Procedure
8.2.2.1.1 STEP 1: Review and Modify the Data Flash Configuration Data.
While many of the default parameters in the data flash are suitable for most applications, the following should
first be reviewed and modified to match the intended application.
• Design Capacity: Enter the value in mAh divided by CurrScale() for the battery, even from the “design
energy” point of view.
• Design Energy: Enter the value in cWh divided by EnergyScale() .
• Cell Charge Voltage Tx-Ty: Enter the desired cell charge voltage for each JEITA temperature range.
8.2.2.1.2 STEP 2: Review and Modify the Data Flash Configuration Registers.
• LED_Comm Configuration: See in the BQ34Z100-R2 Technical Reference Manual to aid in selection of an
LED mode. Note that the pin used for the optional Alert signal is dependent upon the LED mode selected.
• Alert Configuration: See the BQ34Z100-R2 Technical Reference Manual to aid in selection of which faults
trigger the ALERT pin.
• Number of Series Cells
• Pack Configuration: Ensure that the VOLSEL bit is set for multicell applications and cleared for single-cell
applications.
8.2.2.1.3 STEP 3: Design and Configure the Voltage Divider.
If the battery contains more than 1-s cells, a voltage divider network is required. Design the divider network,
based on the formula below. The voltage division required is from the highest expected battery voltage, down to
approximately 900 mV. For example, using a lower leg resistor of 16.5 KΩ where the highest expected voltage is
32000 mV:
Rseries = 16.5 KΩ (32000 mV – 900 mV)/900 mV = 570.2 KΩ
Based on price and availability, a 600-K resistor or pair of 300-K resistors could be used in the top leg along with
a 16.5-K resistor in the bottom leg.
Set the Voltage Divider in the Data Flash Calibration section of the Evaluation Software to 32000 mV with
VoltScale() =1.
Use the Evaluation Software to calibrate to the applied nominal voltage; for example, 24000 mV. After
calibration, a slightly different value appears in the Voltage Divider parameter, which can be used as a default
value for the project. For the applications with voltage higher than 65535 mV, please refer to the BQ34Z100-R2
Technical Reference Manual.
Following the successful voltage calibration, calculate and apply the value to Flash Update OK Cell Volt as:
Flash Update OK Cell Volt = 2800 mV × Number Of Series Cells × 5000 / Voltage Divider /VoltScale() .
8.2.2.1.4 STEP 4: Determine the Sense Resistor Value.
To ensure accurate current measurement, the input voltage generated across the current sense resistor should
not exceed +/–125 mV. For applications with a very high dynamic range, it is allowable to extend this range to
absolute maximum of +/–300 mV for overload conditions where a protector device will be taking independent
protective action. In such an overloaded state, current reporting and gauging accuracy will not function correctly.
The value of the current sense resistor should be entered into both CC Gain and CC Delta parameters in the
Data Flash Calibration section of the Evaluation Software.
8.2.2.1.5 STEP 5: Review and Modify the Data Flash Gas Gauging Configuration, Data, and State.
• Load Select: See Current Model Used When Load Mode = 0 and Constant-Power Model Used When Load
Mode = 1 in the BQ34Z100-R2 Technical Reference Manual.
• Load Mode: See Current Model Used When Load Mode = 0 and Constant-Power Model Used When Load
Mode = in the BQ34Z100-R2 Technical Reference Manual.
www.ti.com
BQ34Z100-R2
SLUSF37 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: BQ34Z100-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com